Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1504 Datasheet(PDF) 13 Page - ams AG

Part # AS1504
Description  Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1504 Datasheet(HTML) 13 Page - ams AG

Back Button AS1504 Datasheet HTML 9Page - ams AG AS1504 Datasheet HTML 10Page - ams AG AS1504 Datasheet HTML 11Page - ams AG AS1504 Datasheet HTML 12Page - ams AG AS1504 Datasheet HTML 13Page - ams AG AS1504 Datasheet HTML 14Page - ams AG AS1504 Datasheet HTML 15Page - ams AG AS1504 Datasheet HTML 16Page - ams AG AS1504 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com
Revision 1.0
13 - 17
AS1504, AS1505
austriamicrosystems
Data Sheet
Increasing Output Voltage Swing
Figure 20. Output Buffering
Increasing Output Voltage Swing
An external amplifier can be used to extend the output voltage swing beyond the power supply rails of the AS1504/
AS1505. This design allows for a simple digital interface to the DAC, while expanding the output swing to take advan-
tage of higher voltage external power supplies (e.g., DAC 1 of Figure 21 is configured to swing from -5 to +5V). The
actual output voltage is given by:
VOUT = (1+ (RF/RS))((D/256)5V) - 5V
(EQ 3)
Where:
D is the DAC input value (i.e., 0 to 255).
This design can be combined with the circuit in Figure 20 if very accurate adjustments around 0V are required.
Figure 21. Increasing Output Voltage Swing
DAC 2 (non-inverting AV = 2 configuration) of Figure 21 increases the available output swing to +10V. The feedback
resistors can be adjusted to provide scaling of the output voltage, within the limits of the external operational amplifier
power supplies.
–
+
VH
AS1504/
AS1505
GND
VREFL
VDD
VL
VH
VL
VH
VL
VREFH
Amplifier
–
+
100k
Ω
R1
Simple Buffer
0 to 5V
Summer Circuit with
Fine Trim Adjustment
+5V
DAC1
DAC2
DAC3
DAC1
OUT1
DAC2
AS1504/
AS1505
GND
VREFL
AS1505
Only
OUT2
–
+
100k
Ω
100k
Ω
0 to +10V
–
+
100k
Ω
-5 to +4.98V
100k
Ω
VDD
VREFH
+5V
-5V
+12V
RF
RS
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com