Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-2835C10-34-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-2835C10-34-R80
Description  PLCC-2 Components
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-2835C10-34-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-2835C10-34-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 13
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
*
2Forward Voltage
Vf
2.9
3.0
3.4
V
*
3Luminous Intensity
Iv
27500
-
-
mcd
Luminous Flux
ΦV
55
-
lm
x
-
0.26
*
4Chromaticity
Coordinates
y
-
0.22
-
-
Color Temperature
CCT
10000
K
Color Rendering Index
CRI
80
Viewing Angle
2
θ1/2
IF =150mA
-
120
-
deg
● Typical Electro-Optical Characteristics Curves.
2.0
200
Forward current (mA)
0
100
150
0.5
1.0
1.5
250
300
0.7
0.8
80
0.4
0.5
0.3
0.2
0.1
0.6
90
70
60
0.9
1.0
50
40
30
vs. forward current
Fig.5 Relative luminous intensity
1.5
Fig.6 Radiation diagram
10
020
Ambient temperature Ta( C)
0
-25
0.5
1.0
25
050
100
75
2.0
2.5
3.0
Fig.4 Relative luminous intensity vs.
ambient temperature
Fig.1 RELATIVE INTENSITY VS. WAVELENGTH
0.0
380
0.2
0.6
WAVELENGTH
(nm)
430
480
530
580
630
680
730
800
0.1
0.5
0.8
[IF=150mA Ta=25
]
⊥
0.3
0.4
0.7
0.9
1.0
Fig.3 Forward current vs. forward voltage
Forward voltage(V)
50
1
0
3
100
150
200
250
7
59
0
Ambient temperature Ta( C)
40
20
60
100
80
Fig.2 Forward current derating curve
120
60
180
240
300
vs. ambient temperature
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com