Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-2835C10-34-R80 Datasheet(PDF) 4 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-2835C10-34-R80
Description  PLCC-2 Components
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-2835C10-34-R80 Datasheet(HTML) 4 Page - American Bright OPTOELECTRONICS CORP.

  BL-2835C10-34-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 5 of 13
SI N CE 198 1
Intensity Bin Limits (At 150 mA)
BIN CODE
Min. (mcd)
Max. (mcd)
Min. (Lm)
Max. (Lm)
Q
27500
30000
55
60
R
30000
32500
60
65
S
32500
35000
65
70
Tolerance for each Bin limit is ±10%.
Forward Voltage Bin Limits (At 150 mA)
BIN C O D E
Min.(v )
Max . (v)
Z
2.9
3.0
A
3.0
3.1
B
3.1
3.2
C
3.2
3.3
D
3.3
3.4
Tolerance for each Bin limit is ± 0.02V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com