Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P13LLFGF103MLE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P13LLFGF103MLE
Description  Long Life Cermet Potentiometer up to 2 Million Cycles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LLFGF103MLE Datasheet(HTML) 4 Page - Vishay Siliconix

  P13LLFGF103MLE Datasheet HTML 1Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 2Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 3Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 4Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 5Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P13L
www.vishay.com
Vishay Sfernice
Revision: 30-Jul-2021
4
Document Number: 51065
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Shaft locking
On potentiometers equipped with a 3 mm Ø shaft, shaft locking can be obtained:
• Either by a taper nut tightening a slotted bushing. Ask for P13LO type. These devices are normally
equipped with an AB type shaft (12.5 mm with a slot).
P13LO
• Or by a tightening nut locked by a screw. Ask for ES1 type. On potentiometers equipped with a
Ø 6 mm shaft, locking can be obtained by a taper nut applying pressure on a slotted notched washer.
This device is supplied in a box as an accessory. Ask for DBAN.
These devices are ordered separately. Please consult Vishay Sfernice.
P13LL DBAN
No locking on shaft Ø 4 mm.
MARKING
Printed:
• Vishay trademark
• Part number (including ohmic value code, tolerance code and taper)
• Manufacturing date code
• Marking of terminals a
APPLICATION NOTE
The potentiometer shall be used in voltage divider with an impedance load at least
100 times higher than the total potentiometer nominal resistance value.
Advised load impedance:
1 M
Ω min. for resistance range of 1 kΩ to 50 kΩ
PACKAGING
• In box of 8 pieces for shafts FR and FQ
• In box of 10 pieces for shafts FE, FL, FG, and FK
• In box of 15 pieces for shafts AJ and EJ
• In box of 25 pieces for shafts AB, AA, EA, and EB
Hardware: nuts, washer, and O-ring are separately supplied (not mounted on the potentiometer), in a small bag placed in the packaging.
OPTIONS
0.7
10 wrench
Slotted bushing
Thread M6 x 0.75
8 wrench
11
Ø 3
AB = 12.5
12 wrench
6.5
(1) a
(2) b
c (3)
cw
V
out
V
in
Z >
1 M
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com