Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P13LLFGF103MLE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P13LLFGF103MLE
Description  Long Life Cermet Potentiometer up to 2 Million Cycles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LLFGF103MLE Datasheet(HTML) 2 Page - Vishay Siliconix

  P13LLFGF103MLE Datasheet HTML 1Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 2Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 3Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 4Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 5Page - Vishay Siliconix P13LLFGF103MLE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P13L
www.vishay.com
Vishay Sfernice
Revision: 30-Jul-2021
2
Document Number: 51065
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
270° ± 10°
Standard resistance value
1 k
Ω, 5 kΩ, 10 kΩ, 50 kΩ
Tolerance
± 20 %
Taper
Circuit diagram
Power rating
Linear
1.5 W at 70 °C
Logarithmic
0.75 W at 70 °C
Standard resistance element data
Resistance
Value
(k
Ω)
Linear Taper
Non-Linear Taper
Max. Power
at 70 °C
(W)
Max. Working
Voltage
(V)
Max. Power
at 70 °C
(W)
Max. Working
Voltage
(V)
1
5
10
50
1.5
1.5
1.5
1.5
38.7
86.6
122
274
0.75
0.75
0.75
0.75
27.4
61.2
87
194
Temperature coefficient (typical)
± 150 ppm/°C
Limiting element voltage (linear law)
350 V
End resistance (typical)
1
Ω
Dielectric strength (RMS)
2000 V
Insulation resistance (300 VDC)106 M
Ω
Independent linearity (typical)
± 5 %
100
80
60
40
20
0
0
100
80
60
40
20
% CLOCKWISE SHAFT ROTATION
F
L
A
a
(1)
b
(2)
c
(3)
cw
AMBIENT TEMPERATURE IN °C
0
20
40
60 70 80
100
120
140
0
1.5
LIN. TAPER A
0.5
1
LOG. TAPER
L and F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com