Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P13LPFGF103MLE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P13LPFGF103MLE
Description  Long Life Cermet Potentiometer up to 2 Million Cycles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LPFGF103MLE Datasheet(HTML) 1 Page - Vishay Siliconix

  P13LPFGF103MLE Datasheet HTML 1Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 2Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 3Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 4Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 5Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P13L
www.vishay.com
Vishay Sfernice
Revision: 30-Jul-2021
1
Document Number: 51065
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Long Life Cermet Potentiometer up to 2 Million Cycles
Their excellent performances are due to the use of a
cermet-track sealed in a large case.
P13 interchangeability with RV6, combined with the
excellent stability of its rated characteristics make it fully
acceptable for industrial and professional uses.
FEATURES
• 2 million cycles for bushing L and N
• 1 million cycles for bushing T, Q, O, and P
• High power rating 1.5 W at 70 °C
• Test according to CECC 41000 or IEC 60393-1
• Cermet element
• Fully sealed case
• Mechanical strength
• Custom designs on request
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Multiple module
No
Switch module
n/a
Detent module
n/a
Special electrical laws
A: linear, L: logarithmic, F: reverse logarithmic
Sealing level
IP 67
Lifespan
1M cycles
DIMENSIONS in millimeters (± 0.5)
a
c
b
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
Ø 2.2
5.9 ± 0.2
Ø 6.5
Panel Cutout
AJ = 22
AB = 12.5
AA = 9.5
Ø 3
Ø 12.6
8
Thread M6 x 0.75
10 wrench
Slot 0.6 x 1 deep
5
0.7
10.5 max.
P13LT
EJ = 22
EB = 12.5
EA = 9.5
Ø 4
Ø 12.6
10.5 max.
8
Thread M7 x 0.75
10 wrench
Slot 0.8 x 1.4 deep
5
0.7
a
c
b
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
Ø 2.2
5.9 ± 0.2
Ø 7.5
Panel Cutout
P13LQ
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
Ø 10.5
Panel Cutout
FR = 50
FL = 25
FG = 16
Ø 6
Ø 14
10.5 max.
12
Thread M10 x 0.75
Slot 1 x 1.8 deep
5
a
c
b
P13LL


Similar Part No. - P13LPFGF103MLE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P13L VISHAY-P13L Datasheet
152Kb / 7P
Long Life Cermet Potentiometer up to 2 Million Cycles
04-Jul-17
logo
Socay Electornics Co., ...
P13LA SOCAY-P13LA Datasheet
314Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
HuaXinAn Electronics CO...
P13LA HUAXINAN-P13LA Datasheet
320Kb / 6P
SIDACtor Protection Thyristors
logo
Shindengen Electric Mfg...
P13LA10EL SHINDENGEN-P13LA10EL Datasheet
178Kb / 4P
Power MOSFET
logo
Vishay Siliconix
P13LAA130KAB08E VISHAY-P13LAA130KAB08E Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results

Similar Description - P13LPFGF103MLE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P10L VISHAY-P10L Datasheet
122Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
10-Dec-07
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L_15 Datasheet
649Kb / 3P
A compact long-life type with a rotational life of 1 million cycles
logo
C&K Components
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
Operating life up to 100,000 cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
Long Life Cermet Potentiometer up to 2 Million Cycles
04-Jul-17
P10L VISHAY-P10L_V01 Datasheet
86Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com