Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P13LPFGF103MLE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P13LPFGF103MLE
Description  Long Life Cermet Potentiometer up to 2 Million Cycles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P13LPFGF103MLE Datasheet(HTML) 3 Page - Vishay Siliconix

  P13LPFGF103MLE Datasheet HTML 1Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 2Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 3Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 4Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 5Page - Vishay Siliconix P13LPFGF103MLE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P13L
www.vishay.com
Vishay Sfernice
Revision: 30-Jul-2021
3
Document Number: 51065
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
Mechanical travel
300° ± 5°
Operating torque (typical)
2 Ncm max.
2.85 oz. inch max.
End stop torque
Style T, Q
35 Ncm max.
3.1 lb inch max.
Style L
80 Ncm max.
7.1 lb inch max.
Tightening torque of
mounting nut
Style T, Q
150 Ncm max.
13.3 lb inch max.
Style L
250 Ncm max.
22.1 lb inch max.
Unit weight
6 g to 18 g max.
0.22 oz. to 0.64 oz.
Terminals
e3: Pure Sn
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/125/56
Sealing
Fully sealed - container IP67
OPTIONS
Special feature command shaft
Length is measured from the mounting surface to the free end of the shaft. The screwdriver slot is
aligned with the wiper within ± 10°. Special shafts are available, in accordance to drawings supplied
by customers. We recommend that customers should not machine tool shafts, in order to avoid
damage. Bending or torsion of terminals should also be avoided.
Panel sealing
Potentiometers P13LT and P13LL can be fitted with a device providing sealing between the threaded
bushing and the front panel. Their designation is P13LP and P13LN respectively or with a locating peg
P13LP...E and P13LN...E.
Panel sealed version
P13LP
P13LP...E: Including locating peg
Panel sealed version
P13LN
P13LN...E: Including locating peg
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
AJ = 22
AB = 12.5
AA = 9.5
Ø 3
Ø 12.6
13.2 max.
8
Thread M6 x 0.75
Slot 0.6 x 1 deep
5
0.7
Ø 1.5
3.9 ± 0.2
Ø 6.5
Panel Cutout
2.4
1.6
5.08
1.6
0.3
2
0.8
5.08
FQ = 47.5
FE = 13.5
Ø 6
Ø 14
13.5 max. 9.5
Thread M10 x 0.75
Slot 1 x 1.8 deep
5
FK = 22.5
Panel Cutout
Ø 1.5
6.9 ± 0.2
Ø 10.5
Ø 16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com