Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

04051-002KBA/HB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 04051-002KBA/HB
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

04051-002KBA/HB Datasheet(HTML) 4 Page - Vishay Siliconix

  04051-002KBA/HB Datasheet HTML 1Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 2Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 3Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 4Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 5Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 6Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 7Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 8Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DLA 04051
www.vishay.com
Vishay
Revision: 16-Dec-2022
4
Document Number: 40281
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4 VDC AT +105 °C; 2.7 VDC AT +125 °C
68
B
04051-011(1)(2)(3)
28.0
8
80
1.0
0.3
100
B
04051-012(1)(2)(3)
40.0
8
80
1.0
0.3
220
D
04051-013(1)(2)(3)
88.0
10
25
2.4
0.8
330
D
04051-014(1)(2)(3)
132.0
10
25
2.4
0.8
470
D
04051-015(1)(2)(3)
188.0
10
25
2.4
0.8
470
D
04051-016(1)(2)(3)
188.0
10
40
1.9
0.6
6.3 VDC AT +105 °C; 4.2 VDC AT +125 °C
33
B
04051-017(1)(2)(3)
21.0
8
80
1.0
0.3
47
B
04051-019(1)(2)(3)
30.0
8
80
1.0
0.3
68
B
04051-020(1)(2)(3)
43.0
8
80
1.0
0.3
150
D
04051-021(1)(2)(3)
95.0
10
25
2.4
0.8
220
D
04051-022(1)(2)(3)
139.0
10
25
2.4
0.8
330
D
04051-023(1)(2)(3)
208.0
10
25
2.4
0.8
330
D
04051-024(1)(2)(3)
208.0
10
40
1.9
0.8
10 VDC AT +105 °C; 6.7 VDC AT +125 °C
22
B
04051-025(1)(2)(3)
22.0
8
80
1.0
0.3
33
B
04051-027(1)(2)(3)
33.0
8
80
1.0
0.3
100
D
04051-028(1)(2)(3)
100.0
10
25
2.4
0.8
100
D
04051-029(1)(2)(3)
100.0
10
55
1.7
0.5
150
D
04051-030(1)(2)(3)
150.0
10
25
2.4
0.8
150
D
04051-031(1)(2)(3)
150.0
10
55
1.7
0.5
220
D
04051-032(1)(2)(3)
220.0
10
25
2.4
0.8
16 VDC AT +105 °C; 10.7 VDC AT +125 °C
47
D
04051-033(1)(2)(3)
76.0
10
35
2.1
0.7
47
D
04051-034(1)(2)(3)
76.0
10
65
1.5
0.5
68
D
04051-035(1)(2)(3)
109.0
10
75
1.4
0.5
100
D
04051-036(1)(2)(3)
160.0
10
50
1.7
0.6
20 VDC AT +105 °C; 13.4 VDC AT +125 °C
22
D
04051-037(1)(2)(3)
44.0
10
75
1.4
0.5
33
D
04051-038(1)(2)(3)
66.0
10
75
1.4
0.5
47
D
04051-039(1)(2)(3)
94.0
10
75
1.4
0.5
25 VDC AT +105 °C; 16.8 VDC AT +125 °C
15
D
04051-040(1)(2)(3)
38.0
10
75
1.4
0.5
15
D
04051-041(1)(2)(3)
38.0
10
100
1.2
0.4
22
D
04051-042(1)(2)(3)
55.0
10
75
1.4
0.5
33
D
04051-043(1)(2)(3)
83.0
10
75
1.4
0.5
35 VDC AT +105 °C; 23.5 VDC AT +125 °C
15
D
04051-044(1)(2)(3)
53.0
10
75
1.4
0.5
15
D
04051-045(1)(2)(3)
53.0
10
100
1.2
0.4
50 VDC AT +105 °C; 33.5 VDC AT +125 °C
10
D
04051-046(1)(2)(3)
50.0
10
100
1.2
0.4
10
D
04051-047(1)(2)(3)
50.0
10
125
1.1
0.4
63 VDC AT +105 °C; 42.2 VDC AT +125 °C
4.7
D
04051-048(1)(2)(3)
29.6
10
100
1.2
0.4
4.7
D
04051-049(1)(2)(3)
29.6
10
120
1.1
0.4
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT 25 °C
100 kHz
(
Ω)
MAX. RIPPLE,
100 kHz IRMS (A)
-55 °C TO +105 °C
+125 °C
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Additional testing: A, B, Z
(3) Surge current: blank, A, B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com