Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

04051-002KBA/HB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 04051-002KBA/HB
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, DLA Approved
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

04051-002KBA/HB Datasheet(HTML) 3 Page - Vishay Siliconix

  04051-002KBA/HB Datasheet HTML 1Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 2Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 3Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 4Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 5Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 6Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 7Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 8Page - Vishay Siliconix 04051-002KBA/HB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DLA 04051
www.vishay.com
Vishay
Revision: 16-Dec-2022
3
Document Number: 40281
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES (ESR mΩ)
μF
2.5 V
3.0 V
4.0 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
4.7
D
(100, 120)
10
D
(100, 125)
15
D
(75, 100)
D
(75, 100)
22
B (80)
D (75)
D (75)
33
B (80)
B (80)
D (75)
D (75)
47
B (80)
D (35, 65)
D (75)
68
B (80)
B (80)
D (75)
100
B (80)
B (80)
D (25, 55)
D (50)
150
B (80)
D (25)
D (25, 55)
220
D (25)
D (25)
D (25)
330
D (25)
D (25)
D (25)
D (25, 40)
470
D (25)
D (25)
D (25, 40)
680
D (25)
D (25)
MARKING
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT 25 °C
100 kHz
(
Ω)
MAX. RIPPLE,
100 kHz IRMS (A)
-55 °C TO +105 °C
+125 °C
2.5 VDC AT +105 °C; 1.7 VDC AT +125 °C
330
D
04051-002(1)(2)(3)
83.0
10
25
2.4
0.8
470
D
04051-003(1)(2)(3)
118.0
10
25
2.4
0.8
680
D
04051-004(1)(2)(3)
170.0
10
25
2.4
0.8
3 VDC AT +105 °C; 2 VDC AT +125 °C
100
B
04051-005(1)(2)(3)
30.0
8
80
1.0
0.3
150
B
04051-006(1)(2)(3)
45.0
8
80
1.0
0.3
330
D
04051-007(1)(2)(3)
99.0
10
25
2.4
0.8
470
D
04051-008(1)(2)(3)
141.0
10
25
2.4
0.8
680
D
04051-009(1)(2)(3)
204.0
10
25
2.4
0.8
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Additional testing: A, B, Z
(3) Surge current: blank, A, B
105
35
Voltage
Polarity (+)
band
Capacitance
code, µF
Vishay marking
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com