Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9251V Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE9251V
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251V Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE9251V Datasheet HTML 21Page - Infineon Technologies AG TLE9251V Datasheet HTML 22Page - Infineon Technologies AG TLE9251V Datasheet HTML 23Page - Infineon Technologies AG TLE9251V Datasheet HTML 24Page - Infineon Technologies AG TLE9251V Datasheet HTML 25Page - Infineon Technologies AG TLE9251V Datasheet HTML 26Page - Infineon Technologies AG TLE9251V Datasheet HTML 27Page - Infineon Technologies AG TLE9251V Datasheet HTML 28Page - Infineon Technologies AG TLE9251V Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Datasheet
25
Rev. 1.11
2019-09-19
High Speed CAN Transceiver
TLE9251V
Electrical characteristics
9.2
Diagrams
Figure 15
Test circuit for dynamic characteristics
Figure 16
Timing diagrams for dynamic characteristics
Figure 17
Recessive bit time for five dominant bits followed by one recessive bit
TLE9251V
3
GND
2
4
5
1
8
100 nF
6
CANL
7
CANH
RL/2
VCC
VIO
TxD
STB
RxD
C2
CRxD
100 nF
RL/2
C1
VDiff
TxD
t
t
RxD
tLoop(H,L)
tLoop(L,H)
0.3 x VIO
0.3 x VIO
0.7 x VIO
0.7 x VIO
t
VDiff
TxD
t
t
RxD
0.9 V
5 x tBit
0.5 V
tLoop(H,L)
t
tBit
tBit(Bus)
tLoop(L,H)
tBit(RxD)
0.3 x VIO
0.7 x VIO
0.7 x VIO
0.3 x VIO
0.3 x VIO
VDiff = VCANH - VCANL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com