Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE9251V Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9251V
Description  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251V Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9251V Datasheet HTML 17Page - Infineon Technologies AG TLE9251V Datasheet HTML 18Page - Infineon Technologies AG TLE9251V Datasheet HTML 19Page - Infineon Technologies AG TLE9251V Datasheet HTML 20Page - Infineon Technologies AG TLE9251V Datasheet HTML 21Page - Infineon Technologies AG TLE9251V Datasheet HTML 22Page - Infineon Technologies AG TLE9251V Datasheet HTML 23Page - Infineon Technologies AG TLE9251V Datasheet HTML 24Page - Infineon Technologies AG TLE9251V Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Datasheet
21
Rev. 1.11
2019-09-19
High Speed CAN Transceiver
TLE9251V
Electrical characteristics
VIO undervoltage monitor
hysteresis
VIO(UV,H)
–
150
–
mV
1)
P_9.1.17
VCC undervoltage delay time
tDelay(UV)_F
tDelay(UV)_R
––30
100
µs
1) (see Figure 9);
P_9.1.18
VIO delay time power-up
tPON
–
–
280
µs
1) (see Figure 6);
P_9.1.19
VIO delay time power-down
tPOFF
–
–
100
µs
1) (see Figure 6);
P_9.1.20
Receiver output RxD
“High” level output current
IRxD,H
–-4
-1
mA
VRxD = VIO -0.4 V;
VDiff < 0.5 V;
P_9.1.21
“Low” level output current
IRxD,L
1
4
–
mA
VRxD =0.4 V;
VDiff > 0.9 V;
P_9.1.22
Transmission input TxD
“High” level input voltage
threshold
VTxD,H
–0.5
× VIO
0.7
× VIO
V
recessive state;
P_9.1.26
“Low” level input voltage
threshold
VTxD,L
0.3
× VIO
0.4
× VIO
–
V
dominant state;
P_9.1.27
Input hysteresis
VHYS(TxD)
–
200
–
mV
1)
P_9.1.28
“High” level input current
ITxD,H
-2
–
2
µA
VTxD = VIO;
P_9.1.29
“Low” level input current
ITxD,L
-200
–
-20
µA
VTxD =0 V;
P_9.1.30
Input capacitance
CTxD
––10
pF
1)
P_9.1.31
TxD permanent dominant
time-out, optional
tTxD
1–
4ms
Normal-operating
mode;
P_9.1.32
stand-by input STB
“High” level input voltage
threshold
VSTB,H
–0.5
× VIO
0.7
× VIO
VStand-by mode;
P_9.1.36
“Low” level input voltage
threshold
VSTB,L
0.3
× VIO
0.4
× VIO
–
V
Normal-operating
mode;
P_9.1.37
“High” level input current
ISTB,H
-2
–
2
µA
VSTB = VIO;
P_9.1.38
“Low” level input current
ISTB,L
-200
–
-20
µA
VSTB =0 V;
P_9.1.39
Input hysteresis
VHYS(STB)
–
200
–
mV
1)
P_9.1.42
Input capacitance
C(STB)
––10
pF
1)
P_9.1.43
Bus receiver
Differential range dominant
Normal-operating mode
VDiff_D_Range 0.9
–
8.0
V
-12 V ≤ VCMR ≤ 12 V;
P_9.1.46
Differential range recessive
Normal-operating mode
VDiff_R_Range -3.0
–
0.5
V
-12 V ≤ VCMR ≤ 12 V;
P_9.1.48
Table 6
Electrical characteristics (cont’d)
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com