Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PKMCS0909E4000-R1 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd

Part # PKMCS0909E4000-R1
Description  Specification of Piezoelectric Sounder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS0909E4000-R1 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd

Back Button PKMCS0909E4000-R1_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Document No. JGB40-1594B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 8/11
第1図
プラスチックテープの外形寸法図
Figure 1.
Dimensions of Plastic Tape
第2図
プラスチックリールの外形寸法図
Figure 2.
Dimensions of Plastic Reel
カバーテープ
テープ引き出し方向
単位:mm
Direction of Feed
Cover Film
in mm
引きはがし強度    0.1~0.7N
The cover Film peel strength force 0.1 to 0.7N
引きはがしスピード  300mm/分
The cover Film peel speed 300mm/min.
12.0±0.1
9.5±0.1
4.0±0.1
2.0±0.1
+0.1
-0.0
φ1.50
2.4±0.2
0.3±0.1
10°
13.0±0.5
22.5max.
160~200
240~280
空部全体
リーダー部全体
チップ実装部
トレーラー部
2.0±0.5
単位:mm
Components
Trailer
Empty
in mm
Leader
400~560
17.4±1.0
カバーテープ
Cover Film



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com