Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PKMCS0909E4000-R1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # PKMCS0909E4000-R1
Description  Specification of Piezoelectric Sounder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PKMCS0909E4000-R1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  PKMCS0909E4000-R1_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd PKMCS0909E4000-R1_V01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document No. JGB40-1594B
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 1/11
製品仕様書
Specification of Piezoelectric Sounder
決定年月日 Issue Date : May 22, 2020
1. 品番
Part Number
当
社
品 番
Murata Part Number
テーピング品
Taping
PKMCS0909E4000-R1
2.
適用
Scope
当製品仕様書は、確認音等の発生回路に使用する圧電サウンダについて規定します。この用途以外
にご使用の場合には事前に当社へご連絡ください。
This product specification is applied to the piezoelectric sounder used for sounder in alarm systems .
Please contact us when using this product for any other applications than described in the above.
3.
外観 及び 寸法
Appearance and Dimensions
3-1 外観
: 目視によって表示識別可能であり、汚れ等がありません。
Appearance
: No illegible marking. No visible dirt.
3-2 圧電サウンダの外形寸法図
: 製品単体の形状を項目9に示します。
Dimensions of component
: Please refer to item 9 for component dimensions.
4.
最大定格
Maximum Rating
項
目
Item
規
格
Specification
4-1
許容入力電圧
Maximum Input Voltage
±12.5Vo-p以下/max.
4-2
動作温度範囲
Operating Temperature Range
-40 ~+85℃
-40 to +85°C
4-3
保存温度範囲
Storage Temperature Range
-40 ~+85℃
- 40 to +85°C
5.
電気的性能
Electrical Characteristics
項
目
Item
規
格
Specification
5-1
音圧レベル
Sound Pressure Level
65dB 以上/min.
測定条件は次項を参照して下さい。
Refer to next item for measuring method.


Similar Part No. - PKMCS0909E4000-R1_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKMCS0909E4000-R1 MURATA-PKMCS0909E4000-R1_17 Datasheet
211Kb / 3P
Piezoelectric Sounders / Buzzers
More results

Similar Description - PKMCS0909E4000-R1_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA1-PKLCS1212E2000-R1_V01 Datasheet
420Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKLCS1212E2400-R1 MURATA1-PKLCS1212E2400-R1_V01 Datasheet
423Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKLCS1212E4001-R1 MURATA1-PKLCS1212E4001-R1_V01 Datasheet
411Kb / 11P
Specification of Piezoelectric Sounder
May 21, 2021
PKM13EPYH4000-A0 MURATA1-PKM13EPYH4000-A0_V01 Datasheet
435Kb / 13P
Specification of Piezoelectric Sounder
December 26, 2017
PKM13EPYH4002-B0 MURATA1-PKM13EPYH4002-B0_V01 Datasheet
344Kb / 8P
Specification of Piezoelectric Sounder
December 26, 2017
PKM17EPPH4002-B0 MURATA1-PKM17EPPH4002-B0_V01 Datasheet
348Kb / 8P
Specification of Piezoelectric Sounder
December 28, 2017
PKM22EPH2001 MURATA1-PKM22EPH2001_V01 Datasheet
342Kb / 8P
Specification of Piezoelectric Sounder
December 27, 2017
PKM22EPH2002 MURATA1-PKM22EPH2002_V01 Datasheet
342Kb / 8P
Specification of Piezoelectric Sounder
December 28, 2017
PKM22EPPH2001-B0 MURATA1-PKM22EPPH2001-B0_V01 Datasheet
346Kb / 8P
Specification of Piezoelectric Sounder
January 22, 2018
PKMCS1818E20A0-R1 MURATA1-PKMCS1818E20A0-R1_V01 Datasheet
519Kb / 12P
Specification of Piezoelectric Sounder
May 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com