Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF016BEUI Datasheet(PDF) 45 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 45 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 41Page - Microchip Technology SST26VF016BEUI Datasheet HTML 42Page - Microchip Technology SST26VF016BEUI Datasheet HTML 43Page - Microchip Technology SST26VF016BEUI Datasheet HTML 44Page - Microchip Technology SST26VF016BEUI Datasheet HTML 45Page - Microchip Technology SST26VF016BEUI Datasheet HTML 46Page - Microchip Technology SST26VF016BEUI Datasheet HTML 47Page - Microchip Technology SST26VF016BEUI Datasheet HTML 48Page - Microchip Technology SST26VF016BEUI Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 45
SST26VF016BEUI
8.0
AC CHARACTERISTICS
FIGURE 8-1:
HOLD TIMING DIAGRAM
TABLE 8-1:
AC OPERATING CHARACTERISTICS (VDD1 = 2.3-3.6V)
1. Maximum operating frequency for 2.7-3.6V is 104 MHz and for 2.3-3.6V is 80 MHz.
Symbol
Parameter
Limits - 40 MHz
Limits - 80 MHz2
2. Maximum frequency for 125°C is 80 MHz
Limits - 104 MHz
Units
MinMax
MinMax
MinMax
FCLK
Serial Clock Frequency
40
80
104
MHz
TCLK
Serial Clock Period
25
12.5
9.6
ns
TSCKH
Serial Clock High Time
11
5.5
4.5
ns
TSCKL
Serial Clock Low Time
11
5.5
4.5
ns
TSCKR3
3. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
Serial Clock Rise Time (slew rate)
0.1
0.1
0.1
V/ns
TSCKF3
Serial Clock Fall Time (slew rate)
0.1
0.1
0.1
V/ns
TCES4
4. Relative to SCK.
CE# Active Setup Time
8
5
5
ns
TCEH4
CE# Active Hold Time
8
5
5
ns
TCHS4
CE# Not Active Setup Time
8
5
5
ns
TCHH4
CE# Not Active Hold Time
8
5
5
ns
TCPH
CE# High Time
25
12.5
12
ns
TCHZ
CE# High to High-Z Output
19
12.5
12
ns
TCLZ
SCK Low to Low-Z Output
0
0
0
ns
THLS
HOLD# Low Setup Time
8
5
5
ns
THHS
HOLD# High Setup Time
8
5
5
ns
THLH
HOLD# Low Hold Time
8
5
5
ns
THHH
HOLD# High Hold Time
8
5
5
ns
THZ
HOLD# Low-to-High-Z Output
8
8
8
ns
TLZ
HOLD# High-to-Low-Z Output
8
8
8
ns
TDS
Data In Setup Time
3
3
3
ns
TDH
Data In Hold Time
4
4
4
ns
TOH
Output Hold from SCK Change
0
0
0
ns
TV
Output Valid from SCK
8/5 5
5. 30 pF/10 pF
8/5 5
8/5 5
ns
THZ
TLZ
THHH
THLS
THHS
20005262 F104.0
HOLD#
CE#
SCK
SO
SI
THLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com