Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF016BEUI Datasheet(PDF) 66 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 66 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 62Page - Microchip Technology SST26VF016BEUI Datasheet HTML 63Page - Microchip Technology SST26VF016BEUI Datasheet HTML 64Page - Microchip Technology SST26VF016BEUI Datasheet HTML 65Page - Microchip Technology SST26VF016BEUI Datasheet HTML 66Page - Microchip Technology SST26VF016BEUI Datasheet HTML 67Page - Microchip Technology SST26VF016BEUI Datasheet HTML 68Page - Microchip Technology SST26VF016BEUI Datasheet HTML 69Page - Microchip Technology SST26VF016BEUI Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 66
SST26VF016BEUI
206H
A16
FDH
OTP Capable (Security ID) Supported
0:
not supported
1:
supported
A17
Supports Block Group Protect
0:
not supported
1:
supported
A18
Supports Independent Block Protect
0:
not supported
1:
supported
A19
Supports Independent non Volatile Lock (Block or Sector becomes
OTP)
0:
not supported
1:
supported
A23:A20
Reserved. Bits default to all 1’s.
207H
A31:A24
FFH
Reserved. Bits default to all 1’s.
208H
A7:A0
30H
VDD Minimum Supply Voltage
2.3V (F230H)
209H
A15:A8
F2H
20AH
A23:A16
60H
VDD Maximum Supply Voltage
3.6V (F360H)
20BH
A31:A24
F3H
20CH
A7:A0
32H
Typical time out for Byte-Program: 50 µs
Typical time out for Byte Program is in µs. Represented by conversion of
the actual time from the decimal to hexadecimal number.
20DH
A15:A8
FFH
Reserved. Bits default to all 1’s.
20EH
A23:A16
0AH
Typ time out for page program: 1.0ms (xxH*(0.1ms)
20FH
A31:A24
12H
Typical time out for Sector-Erase/Block-Erase: 18 ms
Typical time out for Sector/Block-Erase is in ms. Represented by conversion
of the actual time from the decimal to hexadecimal number.
210H
A7:A0
23H
Typical time out for Chip-Erase: 35 ms
Typical time out for Chip-Erase is in ms. Represented by conversion of
the actual time from the decimal to hexadecimal number.
211H
A15:A8
46H
Max. time out for Byte-Program: 70 µs
Typical time out for Byte Program is in µs. Represented by conversion of
the actual time from the decimal to hexadecimal number.
212H
A23:A16
FFH
Reserved. Bits default to all 1’s.
213H
A31:A24
0FH
Max time out for Page-Program: 1.5ms.
Typical time out for Page Program in xxH * (0.1ms) ms
214H
A7:A0
19H
Max. time out for Sector Erase/Block Erase: 25ms.
Max time out for Sector/Block Erase in ms
215H
A15:A8
32H
Max. time out for Chip Erase: 50ms.
Max time out for Chip Erase in ms.
216H
A23:A16
0FH
Max. time out for Program Security ID: 1.5 ms
Max time out for Program Security ID in xxH*(0.1ms) ms
217H
A31:A24
19H
Max. time out for Write-Protection Enable Latency: 25 ms
Max time out for Write-Protection Enable Latency is in ms. Represented by con-
version of the actual time from the decimal to hexadecimal number.
218H
A23:A16
19H
Max. time Write-Suspend Latency: 25 µs
Max time out for Write-Suspend Latency is in µs. Represented by conversion of
the actual time from the decimal to hexadecimal number.
219H
A31:A24
03H
Max. time to Deep Power-Down: 3µs = 03H)
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (12 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com