Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF020AT-80E/MF Datasheet(PDF) 35 Page - Microchip Technology

Part # SST26VF020AT-80E/MF
Description  2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF020AT-80E/MF Datasheet(HTML) 35 Page - Microchip Technology

Back Button SST26VF020AT-80E/MF Datasheet HTML 31Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 32Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 33Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 34Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 35Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 36Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 37Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 38Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006279C-page 35
SST26VF020A
5.30
Write STATUS Register (WRSR)
The Write STATUS Register (WRSR) command writes
new values to the STATUS register and Configuration
register. To execute a Write STATUS Register
operation, the host drives CE# low, then sends the
Write STATUS Register command cycle (01H), and
one or two cycles of data, and then drives CE# high.
The first cycle of data points to the STATUS register,
the second points to the Configuration register. See
Figures 5-32 and 5-33.
FIGURE 5-32:
WRITE STATUS REGISTER SEQUENCE (SQI)
FIGURE 5-33:
WRITE STATUS REGISTER SEQUENCE (SPI)
Note:
MSN = Most Significant Nibble; LSN = Least Significant Nibble, XX = “Don’t Care”, C[1:0] = 01H
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
H0 L0
MSN LSN
4
H0 L0
5
3
STATUS
Byte
Command
Configura-
tion
Byte
Note:
XX = “Don’t Care”
MODE 3
High-Impedance
MODE 0
STATUS
Register
76 54 3 2 10
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
06
0 1 234 5 6 7
0 1 2 34 5 6 789 10 11 12 13 14 15
Configuration
Register
76 54 3 2 10
MSB
16 17 18 19 20 21 22 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com