Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26VF020AT-80E/MF Datasheet(PDF) 39 Page - Microchip Technology

Part # SST26VF020AT-80E/MF
Description  2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF020AT-80E/MF Datasheet(HTML) 39 Page - Microchip Technology

Back Button SST26VF020AT-80E/MF Datasheet HTML 35Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 36Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 37Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 38Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 39Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 40Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 41Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 42Page - Microchip Technology SST26VF020AT-80E/MF Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006279C-page 39
SST26VF020A
5.34
Deep Power-Down
The Deep Power-Down (DPD) instruction puts the
device in the lowest power consumption mode – the
Deep Power-Down mode. The Deep Power-Down
instruction is ignored during an internal write operation.
While the device is in Deep Power-Down mode, all
instructions will be ignored except for the Release
Deep Power-Down instruction.
Enter Deep Power-Down mode by initiating the Deep
Power-Down (DPD) instruction (B9H) while driving CE#
low. CE# must be driven high before executing the DPD
instruction. After CE# is driven high, it requires a delay
of TDPD before the standby current ISB is reduced to
deep power-down current IDPD. See Table 5-6 for Deep
Power-Down timing. If the device is busy performing an
internal erase or program operation, initiating a Deep
Power-Down instruction will not place the device in
Deep Power-Down mode. See Figures 5-40 and 5-41
for the DPD instruction sequence.
FIGURE 5-40:
DEEP POWER-DOWN (DPD) SEQUENCE – SQI MODE
FIGURE 5-41:
DEEP POWER-DOWN (DPD) SEQUENCE – SPI MODE
TABLE 5-6:
DEEP POWER-DOWN
Symbol
Parameter
Min.
Max.
Units
TDPD
CE# High to Deep Power-Down
—
3
µs
TSBR
CE# High to Standby Mode
—
10
µs
Note:
MSN = Most Significant Nibble; LSN = Least Significant Nibble
MODE 3
SCK
SIO[3:0]
CE#
MODE 0
B9
MSN
LSN
0
1
TDPD
Standby Mode Deep Power-Down Mode
CE#
SO
SI
SCK
01 2 3 4 5 6 7
B9
High-Impedance
MODE 0
MODE 3
MSB
TDPD
Standby Mode Deep Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com