| Electronic Components Datasheet Search |
|
STLC2500A Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC2500A Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 37 page ![]() General specification STLC2500A 26/37 i.e. GPIO3 is low) it sets HOST_WAKEUP to '0', telling the Host that the system clock is not needed any more. Note: Note that in this case, the UART will be closed (as described above). – An autonomous wakeup (i.e. initiated by the Bluetooth Controller) goes as follows: the Bluetooth Controller sets the HOST_WAKEUP signal to '1' to request the system clock. Initially, GPIO3 is unaffected. GPIO3 will only be asserted when and if there are data or HCI events to be sent. In that case the UART will be opened (and UART_RTS will be asserted). – Wakeup initiated by the Host: the Hosts sets BT_WAKEUP to '1'. The Bluetooth Controller then asserts the HOST_WAKEUP signal to request the system clock. The Bluetooth Controller will also open the UART (and assert UART_RTS). Initially, GPIO3 is unaffected. GPIO3 will only be asserted when and if there are data or HCI events to be sent. Figure 6. Low power modes [Initiated deep sleep, mode 2] 6.9 Patch RAM The STLC2500A includes a HW block that allows patching of the ROM code. Additionally, a SW patch mechanism allows replacing complete SW functions without changing the ROM image. A part of the RAM memory is used for HW and SW patches. 6.10 Download of SW parameters To change the device configuration a set of customizable parameters have been defined and put together in one file. This file is downloaded at start-up into the STLC2500A. Active Sleep Mode Deep Sleep Mode Complete Power Down Host: BT_WAKEUP=‘1’ OR Hard Reset UART off BB UART on Host: sends a specific HCI command. UART off Host: BT_WAKEUP=‘0’ AND BT Controller: HOST_WAKEUP=‘0’ and GPIO3=‘0’ Host: BT_WAKEUP=‘1’ OR BT Controller: HOST_WAKEUP=‘1’ and GPIO3=‘1’ or GPIO3=‘0’ GPIO3=‘1’ GPIO3=‘0’ Active Sleep Mode Deep Sleep Mode Complete Power Down Host: BT_WAKEUP=‘1’ OR Hard Reset UART off BB UART on Host: sends a specific HCI command. UART off Host: BT_WAKEUP=‘0’ AND BT Controller: HOST_WAKEUP=‘0’ and GPIO3=‘0’ Host: BT_WAKEUP=‘1’ OR BT Controller: HOST_WAKEUP=‘1’ and GPIO3=‘1’ or GPIO3=‘0’ GPIO3=‘1’ GPIO3=‘0’ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |