Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLC2500A Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLC2500A
Description  Bluetooth Single Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2500A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLC2500A Datasheet HTML 29Page - STMicroelectronics STLC2500A Datasheet HTML 30Page - STMicroelectronics STLC2500A Datasheet HTML 31Page - STMicroelectronics STLC2500A Datasheet HTML 32Page - STMicroelectronics STLC2500A Datasheet HTML 33Page - STMicroelectronics STLC2500A Datasheet HTML 34Page - STMicroelectronics STLC2500A Datasheet HTML 35Page - STMicroelectronics STLC2500A Datasheet HTML 36Page - STMicroelectronics STLC2500A Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
HCI UART transport layer
STLC2500A
34/37
8
HCI UART transport layer
The UART transport Layer has been specified by the Bluetooth SIG and allows HCI level
communication between a Bluetooth Controller (STLC2500A) and a Host (e.g. a GSM), via
a serial line.
The objective of this HCI UART Transport Layer is to make possible to use Bluetooth HCI
over a serial interface between two UARTs on the same PCB. The HCI UART Transport
Layer assumes that the UART communication is free from line errors.
UART Settings
The HCI UART Transport Layer uses the following settings for RS232:
Baud rate:
configurable (default baud rate 115.2 [kbps])
Number of data bits:
8
Parity bit:
no parity
Stop bit:
1 stop bit
Flow control:
RTS/CTS
Flow-off response time:
3ms
The flow-off response time defines the maximum time from setting RTS low until the byte
flow actually stops.
RTS/CTS flow control is used to prevent temporary UART buffer overrun between the
Bluetooth Controller and the Host.
It should not be used for flow control of HCI, as HCI has its own flow control mechanism for
commands, events and data.
The RS232 signals should be connected in a null-modem fashion, i.e. the Bluetooth
Controller TXD output should be connected to the Host RXD input and the Bluetooth
Controller RTS output should be connected to the Host CTS input and vice versa.
If the Bluetooth Controller RTS output (connected to the Host CTS input) is high, then the
Host is allowed to send.
If the Bluetooth Controller RTS output (connected to the Host CTS input) is low, then the
Host is not allowed to send.
If the Bluetooth Controller CTS input (connected to the Host RTS output) is high, then the
Bluetooth Controller is allowed to send.
If the Bluetooth Controller CTS input (connected to the Host RTS output) is low, then the
Bluetooth Controller is not allowed to send.
Figure 14.
UART transport layer
BLUETOOTH
HOST
BLUETOOTH
HOST
CONTROLLER
BLUETOOTH HCI
HCI UART TRANSPORT LAYER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com