Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN100-D1-R-YC1I Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-YC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-YC1I Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-YC1I Datasheet HTML 21Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 22Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
24 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
4.4.2. On-chip temperature monitoring
Measured at: Ta = 25°C, VCC= 3.0V, unless otherwise noted (If the on-chip temperature monitor is
used, VCC should not be greater than 3.0V)
Table 7 : Temperature Monitoring Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Resolution
Using on-chip V0P8 as
reference
-0.4
°C/LSB
Range
-40
85
°C
Accuracy
With VREF calibration
-10
1.5
10
°C
4.4.3. MGPIO analog measurement
Measured at: Ta = 25°C, VREF=0.8V, VCC=3.0V, unless otherwise noted (If MGPIO analog
measurement is used, VCC should not be greater than 3.0V).
Table 8 : MGPIO Analog monitoring characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Resolution
Using on-chip V0P8 as
reference
0.74
mV/ LSB
Range
Input range to the MGPIO
PIN is 0V – 1.6V (FS).
0
1.6
V
Accuracy
With VREF calibration only
-3.3
1.1
3.3
%
With ADC offset and VREF
calibration
-0.9
0.3
0.9
%
The device supports ADC value linear scaling to convert from raw voltage to the meaningful user
defined unit. For example, the device can convert a temperature sensor raw voltage output
captured by its ADC to a Celsius temperature unit.
4.5. Load switch - power supply control
The device also provides two load switch pins. Switch 0 (SW0) provides a low impedance path to
VCC when turned on, while Switch 1 (SW1) provides a low impedance path to ground when turned
on as shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com