Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN100-D1-R-YC1I Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-YC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-YC1I Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-YC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 34Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 35Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 36Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 37Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 38Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 39Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 40Page - List of Unclassifed Manufacturers IN100-D1-R-YC1I Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
36 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Table 19 : System power consumption
Parameter
Description
Test conditions
Min.
Typ.
Max.
Unit
I_VCC
Current
consumption
Chip disabled,
CHIP_EN=0V
10
nA
Sleep with 32kHz RC,
sleep timer
0.625
uA
2.4GHz TX mode -
1Mbps, Pout=0dBm
9.1
mA
2.4GHz TX mode -
1Mbps, Pout=+5dBm
(max)
13.8
mA
5.6. ESD characteristics (all pins)
The device passes all following ESD requirements.
HBM (human body model): Sensitivity pass +/-4500V, Class-3A (Reference ESDA/JEDEC JS-001-
2017)
CDM (charge device model): TBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com