Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN100-Q1-R-YC1I Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-YC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-YC1I Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-YC1I Datasheet HTML 19Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 20Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 21Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 22Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
22 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
4.2. I2C
To communicate with sensors that do not support UART, an I2C master is provided. The I2C
master can communicate with multiple external I2C slave sensors/devices with different slave
addresses in sequence. The I2C commands are stored in the region 4 of the eFuse memory. For
each I2C slave, the I2C master (based on the preset values in the eFuse memory) can program
registers or read back values. The I2C master can also insert delays between two I2C commands
to give the I2C slave time to respond to the previous command. The read-back value will be stored
in memory and can be broadcast through as part of packet payload. The operations of the I2C
master can be defined through the NanoBeacon Config PC GUI. The I2C interface SCL and SDA
pins can refer to Table 1.
4.3. Pulse train counting and pulse width detection
To interface with some external digital-interface sensors, the device can count the number of
pulses in a pulse sequence (Figure 7). the device can also detect the high/low width ratio of the
sequence of pulses (pulse-width modulation, Figure 8). The ratio between the time high and time
low of a pulse can be encoded as a digital 0 or 1. The sequence can be applied to any of the available
pins defined in Table 1 above.
Figure 7 : Pulse counting
Figure 8 : PWM sequence
4.4. Sensor ADC
The Sensor ADC has 11 physical bits and can convert at a maximum of 64KSPS. The input to the
ADC is preceded by a multiplexer which enables the user to sample up to 4 different channels, as
shown in Figure 9. The package options and the pin assignments are shown in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com