Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN100-Q1-R-YC1I Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-YC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-YC1I Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-YC1I Datasheet HTML 8Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 9Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 10Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 11Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 12Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 13Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 14Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 15Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
11 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
2. Package Pin Out Information
The device is offered in both DFN8 & QFN18 packages (denoted IN100-D1 and IN100-Q1,
respectively). Both packages have an exposed paddle that must be connected to the system board
ground.
(a) IN100-D1-R-RC1I(F)
(b) IN100-Q1-R-RC1I(F)
Figure 3:Pin assignments
2.1. Pin definition
Table 1:IN100 QFN18 pin and pinmux info
QFN18
Pin #
Pin name
Pin
type
Description
UART
I2C
Pulse
counting
ADC
1
XO_N
Analog
26MHz XO N
2
XO_P
Analog
26MHz XO P
3
MGPIO7
MGPIO
Mixed signal GPIO
Any
GPIO
2~5 & 7
Any GPIO
ADC
CH3
4
MGPIO6
MGPIO
Mixed signal GPIO
Any GPIO
ADC
CH2
5
MGPIO5
MGPIO
Mixed signal GPIO
Any
GPIO
2~5 & 7
Any GPIO
ADC
CH1
6
SW0
Switch
IO power switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com