Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSK.136..PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-VSK.136..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.136..PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-VSK.136..PBF_V01 Datasheet HTML 1Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 2Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 3Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 4Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 5Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 6Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 7Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 8Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
4
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
70
80
90
100
110
120
130
0
20
40
60
80
100
120
140
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
VSK.136.. Series
RthJC (DC) = 0.18 K/W
70
80
90
100
110
120
130
0
50
100
150
200
250
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
VSK.136.. Series
RthJC (DC) = 0.18 K/W
0
50
100
150
200
250
300
0
30
60
90
120
150
RMS Limit
Conduction Angle
Average On-state Current (A)
180
120
90
60
30
VSK.136.. Series
Per Junction
TJ = 125°C
0
50
10 0
15 0
20 0
25 0
30 0
35 0
0
50
1 00
150
2 00
250
RM S Lim it
Cond uc tio n P e riod
Ave ra g e O n -sta te C urre n t (A)
DC
180
120
90
60
30
VSK .136.. Se ries
Per Junctio n
T
= 12 5°C
J
12 0 0
14 0 0
16 0 0
18 0 0
20 0 0
22 0 0
24 0 0
26 0 0
28 0 0
30 0 0
0
0
1
0
1
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
A t A ny R a te d Lo a d C o nd itio n A n d W ith
R ated V
A p plied Follo w ing Surge .
RRM
In itial T = 125°C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
J
VSK.136.. Se rie s
Per Junc tion
10 0 0
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
1
1
.
0
1
0
.
0
Pulse Tra in D ura tion (s)
Maxim um No n Repetitive Surge Curre nt
Of Co nd uctio n May Not Be Mainta ined .
VSK.1 36.. Se ries
Pe r Ju nctio n
In itial T = 125°C
N o V oltag e Re ap plie d
Ra te d V
Re ap plie d
J
RRM
Vers us Pulse Train D ura tion. C ontrol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com