Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSK.136..PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-VSK.136..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.136..PBF Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VS-VSK.136..PBF_V01 Datasheet HTML 2Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 3Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 4Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 5Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 6Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 7Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 8Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 9Page - Vishay Siliconix VS-VSK.136..PBF_V01 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
6
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Current Ratings Characteristics
Fig. 11 - Current Ratings Characteristics
Fig. 12 - On-State Power Loss Characteristics
Fig. 13 - On-State Power Loss Characteristics
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
70
80
90
10 0
11 0
12 0
13 0
030
60
9 0
1 20
1 50
30
60
90
120
180
Co nd uc tio n A ng le
Ave ra g e Forw a rd C urre n t (A)
VSK.142.. Se rie s
R
(D C ) = 0.18 K/W
thJ C
70
80
90
10 0
11 0
12 0
13 0
0
5 0
1 0 0
15 0
2 0 0
25 0
DC
30
60
90
120
180
Averag e O n -state C urrent (A)
Cond uc tio n P e r io d
VSK.1 4 2 .. Se rie s
R
(D C ) = 0 .1 8 K /W
thJ C
0
50
10 0
15 0
20 0
25 0
03 0
6 0
90
1 20
1 50
RMS Lim it
Co nd uc tio n A ng le
Averag e O n -state C urren t (A )
180
120
90
60
30
VSK .142.. Series
Per Junctio n
T = 12 5°C
J
0
50
10 0
15 0
20 0
25 0
30 0
35 0
05 0
1 00
1 50
2 00
2 50
DC
180
120
90
60
30
RM S Lim it
Co nd uc tion P e r iod
Averag e O n -state C urren t (A )
VSK .142.. Se rie s
Per Ju nc tio n
T
= 1 2 5°C
J
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
0
0
1
0
1
1
N um b er O f Eq ua l A m p litud e H a lf C y cle C urrent P ulse s (N )
J
In itial T = 125°C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
A t A ny Ra ted Lo a d C o nd itio n A n d W ith
R ated V
A p p lied Follo w ing Surge .
VSK.142.. Se rie s
Per Junc tion
RRM
J
150 0
200 0
250 0
300 0
350 0
400 0
450 0
500 0
1
1
.
0
1
0
.
0
Pu lse Tra in D uration (s)
Maximum Non Repetitive Surge Current
V e rsus Pulse Tra in D uratio n. C o ntro l
Of Co nd uctio n Ma y No t Be M a inta ined .
J
No Vo lt ag e Re applied
Ra te d V
Re a pp lie d
VSK.1 42.. Se rie s
Pe r Ju nctio n
RRM
In itial T = 125°C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com