Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSK.136..PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-VSK.136..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.136..PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-VSK.136..PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
5
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - On-State Power Loss Characteristics
Fig. 8 - On-State Power Loss Characteristics
Fig. 9 - On-State Power Loss Characteristics
025
5 0
7 5
1 00
1 2 5
M axim um A llo w ab le Am bient Tem pera ture (°C)
0 .1
6
K
/ W
0 .4
K/ W
0.2
5
K/ W
0.6 K
/ W
1 K/ W
0
50
100
150
200
250
300
350
400
450
0
5 0
1 00
150
2 00
250
3 00
180
120
90
60
30
To ta l R M S O ut p ut C urre n t (A )
Conductio n An gle
VSK .136.. Se rie s
Pe r M o dule
T = 12 5°C
J
025
5 0
7 5
1 0 0
1 2 5
Maximum Allo w ab le Am bient Te m p era ture (°C )
0.0
8
K/
W
0.1
2
K/ W
0.2
K/ W
0.35
K/ W
0.6K/ W
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
10 00
0
5 5
110
16 5
2 2 0
27 5
To tal O utp ut C urre nt (A)
2 x VSK.136.. Series
Single P hase Brid ge
Co nnected
T
= 125°C
J
180
(Sin e )
180
(Re ct)
02 5
5 0
7 5
1 00
1 25
M a x im u m A llo w a b le A m b ien t Tem p e ra tu re (°C)
0.0
8
K/
W
0.1
K/ W
0.16
K/ W
0.25
K/ W
0 .4 K/ W
1 K/ W
0
30 0
60 0
90 0
12 0 0
15 0 0
0
10 0
20 0
3 00
4 00
To ta l O u tp u t C u rre nt (A )
120
(Rec t)
3 x VSK.136.. S erie s
Th ree Ph a se B rid g e
Co n n ec te d
T
= 1 2 5°C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com