Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-VSK.136..PBF Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VS-VSK.136..PBF
Description  Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK.136..PBF Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VS-VSK.136..PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 11Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 12Page - Vishay Siliconix VS-VSK.136..PBF Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
VS-VSK.136..PbF, VS-VSK.142..PbF, VS-VSK.162..PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
9
Document Number: 94513
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 25 - On-State Power Loss Characteristics
Fig. 26 - On-State Power Loss Characteristics
Fig. 27 - On-State Power Loss Characteristics
0
25
5 0
7 5
1 00
12 5
M axim um A llo w ab le Am b ie nt Tem p era ture (°C)
0.0
8
K/
W
0.1
K/ W
0.16
K/ W
0.2 K
/ W
0
100
200
300
400
500
600
0
1 00
200
3 00
400
180
120
90
60
30
To ta l RM S O ut p ut C urre n t (A )
Conductio n An gle
VSK .162.. Se rie s
Pe r M o dule
T
= 125°C
J
02 5
50
75
10 0
12 5
M axim um A llo w a ble A m b ient Tem perature (°C)
0.0
8
K/
W
0.2
K/ W
1 K/ W
0.6 K/ W
0.4 K/
W
0.1
2
K/
W
0.3
K/ W
0
100
200
300
400
500
600
700
800
900
0
5 0
1 0 0
15 0
20 0
25 0
3 00
To ta l O utput C urrent (A)
2 x VSK.162.. Series
Single Phase Brid ge
Co nnected
T = 125°C
J
180
(Sin e )
180
(Re ct)
0
2 5
5 0
7 5
1 00
12 5
M a xim um A llo w a b le A m b ie n t Te m p era tu re (°C)
0 .2
K/ W
0.0
8
K/ W
0 .1
2 K
/ W
0.6 K/ W
0.3 K/
W
0
250
500
750
10 00
12 50
15 00
0
50 1 0 0 15 0 2 00 25 0 3 0 0 3 5 0 4 00 4 50
To ta l Output C urrent (A)
120
(Rect)
3 x VSK.162.. Series
Three Phase Brid ge
Co nnected
T
= 12 5°C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com