Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHA0612 Datasheet(PDF) 5 Page - Cree LED

Part # CHA0612
Description  XLamp® CHA0612 LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CHA0612 Datasheet(HTML) 5 Page - Cree LED

  CHA0612 Datasheet HTML 1Page - Cree LED CHA0612 Datasheet HTML 2Page - Cree LED CHA0612 Datasheet HTML 3Page - Cree LED CHA0612 Datasheet HTML 4Page - Cree LED CHA0612 Datasheet HTML 5Page - Cree LED CHA0612 Datasheet HTML 6Page - Cree LED CHA0612 Datasheet HTML 7Page - Cree LED CHA0612 Datasheet HTML 8Page - Cree LED CHA0612 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
XLAMP® CHA0612 LED
© 2022 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and the
Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED.
CLD-DS268
REV 0
5
FLUX CHARACTERISTICS, ORDER CODES & BINS - STANDARD LEDS, PREMIUM COLOR - 18 V (I
F = 700 mA,
T
J = 85 °C)
Fidelity
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
Min.
Typ
Group
Order Code
4000 K
95
98
1263
1329
40H
CHA0612-0000-000F0Z0A40H
3500 K
95
98
1256
1322
35H
CHA0612-0000-000F0Z0A35H
3000 K
95
98
1147
1207
30H
CHA0612-0000-000F0Z0A30H
2700 K
95
98
1091
1148
27H
CHA0612-0000-000F0Z0A27H
Specialty
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
Min.
Typ
Group
Order Code
Group
Order Code
Group
Order Code
3100 K
90
92
1241
1306
31Q
CHA0612-0000-
000F0U0A31Q
3000 K
90
92
1273
1340
30Q
CHA0612-0000-
000F0U0A30Q
1221
1286
30U
CHA0612-0000-
000F0U0A30U
95
98
1081
1138
L7C
CHA0612-0000-
000F0Z0AL7C
Notes
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 23).
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com