Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3905
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3905 Datasheet HTML 7Page - Microchip Technology MCP3905 Datasheet HTML 8Page - Microchip Technology MCP3905 Datasheet HTML 9Page - Microchip Technology MCP3905 Datasheet HTML 10Page - Microchip Technology MCP3905 Datasheet HTML 11Page - Microchip Technology MCP3905 Datasheet HTML 12Page - Microchip Technology MCP3905 Datasheet HTML 13Page - Microchip Technology MCP3905 Datasheet HTML 14Page - Microchip Technology MCP3905 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21948C-page 11
MCP3905/06
4.0
DEVICE OVERVIEW
The MCP3905/06 is an energy-metering IC that
supplies a frequency output proportional to active (real)
power, and higher frequency output proportional to the
instantaneous power for meter calibration. Both chan-
nels use 16-bit, second-order, delta-sigma ADCs that
oversample the input at a frequency equal to MCLK/4,
allowing for wide dynamic range input signals. A
Programmable Gain Amplifier (PGA) increases the
usable range on the current input channel (Channel 0).
The calculation of the active (real) power, as well as the
filtering associated with this calculation, is performed in
the digital domain, ensuring better stability and drift
performance. Figure 4-1 represents the simplified
block diagram of the MCP3905/06, detailing its main
signal-processing blocks.
Two digital high-pass filters cancel the system offset on
both channels such that the real-power calculation
does not include any circuit or system offset. After
being high-pass filtered, the voltage and current signals
are multiplied to give the instantaneous power signal.
This signal does not contain the DC offset components,
such that the averaging technique can be efficiently
used to give the desired active (real) power output.
The instantaneous power signal contains the real-
power information; it is the DC component of the
instantaneous power. The averaging technique can be
used with both sinusoidal and non-sinusoidal wave-
forms,
as
well
as
for
all
power
factors.
The
instantaneous power is thus low-pass filtered in order
to produce the instantaneous real-power signal.
A DTF converter accumulates the instantaneous active
(real) power information to produce output pulses with a
frequency proportional to the average active (real)
power. The low-frequency pulses presented at the
FOUT0 and FOUT1 outputs are designed to drive electro-
mechanical counters and two-phase stepper motors
displaying the real-power energy consumed. Each pulse
corresponds to a fixed quantity of real energy, selected
by the F2, F1 and F0 logic settings. The HFOUT output
has a higher frequency setting and lower integration
period such that it can represent the instantaneous
active (real) power signal. Due to the shorter accumula-
tion time, it enables the user to proceed to faster calibra-
tion under steady load conditions (refer to Section 4.7
“FOUT0/1 and HFOUT Output Frequencies”).
FIGURE 4-1:
Simplified MCP3905/06 Block Diagram with Frequency Contents.
HPF
...
1
0
1
0
..
DTF
–
+
ADC
–
+
PGA
LPF
HPF
X
CH0+
CH0-
CH1+
CH1-
ADC
FOUT0
FOUT1
HFOUT
0
0
MCP3905/06
0
0
0
Frequency
Content
ΔΣ
ΔΣ
ADC Output
Code Contains
System and
ADC Offset
DC Offset
Removed
by HPF
Instantaneous
Power
ANALOG
DIGITAL
Instantaneous
Active (Real) Power
Input Signal
with System
Offset and
Line Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com