Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3905 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3905
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3905 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3905 Datasheet HTML 15Page - Microchip Technology MCP3905 Datasheet HTML 16Page - Microchip Technology MCP3905 Datasheet HTML 17Page - Microchip Technology MCP3905 Datasheet HTML 18Page - Microchip Technology MCP3905 Datasheet HTML 19Page - Microchip Technology MCP3905 Datasheet HTML 20Page - Microchip Technology MCP3905 Datasheet HTML 21Page - Microchip Technology MCP3905 Datasheet HTML 22Page - Microchip Technology MCP3905 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21948C-page 19
MCP3905/06
24-Lead Plastic Shrink Small Outline (SS) (SSOP)
2
1
D
p
n
B
E1
E
L
c
φ
A2
A1
A
NOM
INCHES
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
Overall Length
Overall Width
Overall Height
Number of Pins
Lead Width
Foot Angle
Lead Thickness
Foot Length
Molded Package Width
Molded Package Thickness
JEDEC Equivalent: MO-150
Drawing No. C04-132
* Controlling Parameter
Notes:
Standoff
Pitch
φ
B
c
L
0°
.010
.004
.025
Units
Dimension Limits
MIN
A
E
E1
D
A2
A1
n
p
.068
.318
.205
.301
.002
.066
MILLIMETERS*
–
4°
.006
.030
.015
.037
8°
–
0.25
0.09
0.63
0°
0.15
0.75
4°
–
.073
.068
.323
.209
.307
.005
.026 BSC.
24
.078
.070
.008
.328
.212
.311
MAX
1.73
8.07
5.20
7.65
0.05
1.68
MIN
1.86
0.13
8.20
5.30
7.80
1.73
0.65 BSC.
NOM
24
8°
0.38
–
0.95
1.78
1.99
0.21
8.33
5.38
7.90
MAX
Revised 9-14-05
See ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com