Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXB3070 Datasheet(PDF) 4 Page - Cree LED

Part # CXB3070
Description  XLamp® CXB3070 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CXB3070 Datasheet(HTML) 4 Page - Cree LED

  CXB3070 Datasheet HTML 1Page - Cree LED CXB3070 Datasheet HTML 2Page - Cree LED CXB3070 Datasheet HTML 3Page - Cree LED CXB3070 Datasheet HTML 4Page - Cree LED CXB3070 Datasheet HTML 5Page - Cree LED CXB3070 Datasheet HTML 6Page - Cree LED CXB3070 Datasheet HTML 7Page - Cree LED CXB3070 Datasheet HTML 8Page - Cree LED CXB3070 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
XLAMP® CXB3070 LED
© 2015-2021 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC.
CLD-DS125
REV 7A
4
Notes
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 13).
CXB3070 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
Nominal
CCT
CRI*
Minimum Luminous Flux
2-Step
3-Step
5-Step
Min
Typ
Group Flux (lm)
@ 85 °C
Flux
(lm) @
25 °C**
Group
Order Code
Group
Order Code
Group
Order Code
4000 K
70
---
BB
9,500
10,520
40E
CXB3070-0000-
000N0BBB40E
BD
10,000
11,074
CXB3070-0000-
000N0BBD40E
CB
11,000
12,181
CXB3070-0000-
000N0BCB40E
80
---
AD
9,000
9,967
40H
CXB3070-0000-
000N0HAD40H
40G
CXB3070-0000-
000N0HAD40G
BB
9,500
10,520
CXB3070-0000-
000N0HBB40H
CXB3070-0000-
000N0HBB40G
BD
10,000
11,074
CXB3070-0000-
000N0HBD40H
CXB3070-0000-
000N0HBD40G
90
92
Z4
7,945
8,798
40H
CXB3070-0000-
000N0UZ440H
40G
CXB3070-0000-
000N0UZ440G
AB
8,500
9,413
CXB3070-0000-
000N0UAB40H
CXB3070-0000-
000N0UAB40G
3500 K
80
---
AD
9,000
9,967
35H
CXB3070-0000-
000N0HAD35H
35G
CXB3070-0000-
000N0HAD35G
BB
9,500
10,520
CXB3070-0000-
000N0HBB35H
CXB3070-0000-
000N0HBB35G
90
92
Z2
7,390
8,184
35H
CXB3070-0000-
000N0UZ235H
35G
CXB3070-0000-
000N0UZ235G
Z4
7,945
8,798
CXB3070-0000-
000N0UZ435H
CXB3070-0000-
000N0UZ435G
AB
8,500
9,413
CXB3070-0000-
000N0UAB35H
CXB3070-0000-
000N0UAB35G
3000 K
80
---
AB
8,500
9,413
30H
CXB3070-0000-
000N0HAB30H
30G
CXB3070-0000-
000N0HAB30G
AD
9,000
9,967
CXB3070-0000-
000N0HAD30H
CXB3070-0000-
000N0HAD30G
BB
9,500
10,520
CXB3070-0000-
000N0HBB30H
CXB3070-0000-
000N0HBB30G
90
92
Y4
6,910
7,652
30H
CXB3070-0000-
000N0UY430H
30G
CXB3070-0000-
000N0UY430G
Z2
7,390
8,184
CXB3070-0000-
000N0UZ230H
CXB3070-0000-
000N0UZ230G
Z4
7,945
8,798
CXB3070-0000-
000N0UZ430H
CXB3070-0000-
000N0UZ430G
FLUX CHARACTERISTICS, EASYWHITE® ORDER CODES AND BINS (I
F = 1900 mA, TJ = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com