Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXB3070 Datasheet(PDF) 2 Page - Cree LED

Part # CXB3070
Description  XLamp® CXB3070 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CXB3070 Datasheet(HTML) 2 Page - Cree LED

  CXB3070 Datasheet HTML 1Page - Cree LED CXB3070 Datasheet HTML 2Page - Cree LED CXB3070 Datasheet HTML 3Page - Cree LED CXB3070 Datasheet HTML 4Page - Cree LED CXB3070 Datasheet HTML 5Page - Cree LED CXB3070 Datasheet HTML 6Page - Cree LED CXB3070 Datasheet HTML 7Page - Cree LED CXB3070 Datasheet HTML 8Page - Cree LED CXB3070 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
XLAMP® CXB3070 LED
© 2015-2021 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC.
CLD-DS125
REV 7A
2
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (HBM per Mil‑Std‑883D)
V
8000
DC forward current
mA
2800*
Reverse current
mA
0.1
Forward voltage (@ 1900 mA, T
j = 85 °C)
V
36
39
*
Refer to the Operating Limits section.
OPERATING LIMITS
The maximum current rating of the CXB3070 depends on the case temperature (Tc) when the LED has reached thermal equilibrium under
steady‑state operation. The graph shown below assumes that the system design employs good thermal management (thermal interface
material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions section
on page 11 for the location of the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light Emitting Surface (LES). Cree LED recommends a
maximum LES temperature of 135 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 12 for more
information on LES temperature measurement.
CXB3070 - Standard
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
3000
0
25
50
75
100
125
150
Case Temperature (°C)
90 °C, 2800 mA
125 °C,
1167 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com