Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDMPC823 Datasheet(PDF) 3 Page - Motorola, Inc

Part # CDMPC823
Description  MPC823e Mobile Computing Microprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CDMPC823 Datasheet(HTML) 3 Page - Motorola, Inc

  CDMPC823 Datasheet HTML 1Page - Motorola, Inc CDMPC823 Datasheet HTML 2Page - Motorola, Inc CDMPC823 Datasheet HTML 3Page - Motorola, Inc CDMPC823 Datasheet HTML 4Page - Motorola, Inc CDMPC823 Datasheet HTML 5Page - Motorola, Inc CDMPC823 Datasheet HTML 6Page - Motorola, Inc CDMPC823 Datasheet HTML 7Page - Motorola, Inc CDMPC823 Datasheet HTML 8Page - Motorola, Inc CDMPC823 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MPC823e Mobile Computing Microprocessor
3
— 16 x 16-Bit Multiply-Accumulate (MAC) Hardware
– One Operation Per Clock
– Two Clock Latency and One Clock Blockage
– Operates Concurrently with Other Instructions
– Uses DMA Controller to Burst Data Directly into Register File without Interacting
with the PowerPC Core
— 8K Dual-Port RAM
— Twelve Serial DMA (SDMA) Channels
— 32-Bit, Harvard Architecture, Scalar RISC Microcontroller
— Communication-Specific Commands
— Supports Continuous-Mode Transmission and Reception on All Serial Channels
— Each Serial Channel has Externally Accessible Pins
•
Four Baud Rate Generators
— Independent and Can be Connected to a Serial Communication Controller or Serial
Management Controller
— Allows Changes During Operation
— Autobaud Support Option
•
Two Serial Communication Controllers (SCCs)
— Ethernet/IEEE 802.3 Support (10Mbps and Full-Duplex Operation)
— GeoPort Support
— HDLC Bus Implements an HDLC-Based Local Area Network
— Universal Asynchronous Receiver Transmitter
— Synchronous UART
— Serial Infrared (IrDA) Supporting a Maximum of 4Mbps (SCC2 Only)
— Totally Transparent. Frame-Based with Optional Cyclical Redundancy Check
— Maximum Serial Data Rate of 35Mbps
•
One Dedicated High-Speed Serial Channel for the Universal Serial Bus (USB)
— Supports USB Host/Slave Modes at a Maximum of 12Mbps with Four USB Endpoints
•
Two Serial Management Controllers (SMCs) with Externally Accessible Pins
— UART
— Transparent
— General Circuit Interface (GCI) Controller
— Can Be Connected to the Time-Division Multiplexed (TDM) Channel
•
One Serial Peripheral Interface
— Supports Master and Slave Modes
— Supports Multimaster Operation on the Same Bus
•
One I2C Port
— Supports Master and Slave Modes
— Supports Multimaster Environments
— Supports High-Speed Operation
— Supports 7-Bit Addressing
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com