Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDMPC823 Datasheet(PDF) 6 Page - Motorola, Inc

Part # CDMPC823
Description  MPC823e Mobile Computing Microprocessor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CDMPC823 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button CDMPC823 Datasheet HTML 2Page - Motorola, Inc CDMPC823 Datasheet HTML 3Page - Motorola, Inc CDMPC823 Datasheet HTML 4Page - Motorola, Inc CDMPC823 Datasheet HTML 5Page - Motorola, Inc CDMPC823 Datasheet HTML 6Page - Motorola, Inc CDMPC823 Datasheet HTML 7Page - Motorola, Inc CDMPC823 Datasheet HTML 8Page - Motorola, Inc CDMPC823 Datasheet HTML 9Page - Motorola, Inc CDMPC823 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MPC823e Mobile Computing Microprocessor
MOTOROLA
•
Low-Power Support Modes
— Normal High–All Units are Fully Powered at High Clock Frequency
— Normal Low–All Units are Fully Powered at Low Clock Frequency
— Doze–Core Functional Units are Disabled, except Timebase, Decrementer, PLL,
Memory Controller, Real-Time Clock, LCD, and Communication Processor Module.
— Sleep–All Units are Disabled, except Real-Time Clock, Periodic Interrupt Timer,
Timebase, and Decrementer. PLL is Active for Fast Wake-Up.
— Deep Sleep–All Units are Disabled including PLL, but not the Real-Time Clock and
Periodic Interrupt Timer, Timebase, and Decrementer.
— Power-Down—All Units are Disabled Including PLL, but not the Real-Time Clock and
Periodic Interrupt Timer, Timebase, and Decrementer. Saves More Power than Other
Modes. The State of Certain Registers may be Preserved.
— Can be Dynamically Shifted Between High-Frequency and Low-Frequency Operation
•
Development Capabilities and Interface
— Program Flow Tracking
– Instruction Show Cycle
– Data Show Cycle
– Branching
– Exception Traps
— Watchpoints and Breakpoints
– Four Hardware Breakpoints
– Five Watchpoint Sources
— Simple Hardware Interface
– High-Speed Data Transfer
– Internal Status Pins
– Freeze Indication
— Rich Control Register Set
•
3.3V Operation with 5V TTL Compatibility for the General-Purpose I/O Port Pins and
3.3V for All Others
•
256-Pin Plastic Ball Grid Array (BGA) Packaging
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com