Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3C6357-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C6357-36
Description  Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C6357-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C6357-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-
Pasternack does not make
3
Connectors
Description
Connector 1
Connector 2
Type
7/16 DIN Male
N Male
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
Contact Material and Plating
Brass, Silver
Brass, Silver
Contact Plating Specification
200 µin
200 µin
Dielectric Type
PTFE
PTFE
Body Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
Body Plating Specification
80 µin
80 µin
Coupling Nut Material and Plating
Brass, Nickel
Brass, Tri-Metal
Coupling Nut Plating Specification
80 µin
80 µin
Torque
22.127 ft-lbs [30 Nm]
9.74 in-lbs [1.1 Nm]
.
Environmental Specifications
Temperature
Operating Range
-55 to +200 deg C
Storage Range
-55 to +200 deg C
Environmental Specification Notes:
CMR (Riser) Fire Rated
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3C6357-36 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Us-
ing Times Microwave Parts PE3C6357-36
RF Cable Assemblies Technical Data Sheet
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch
Length Using SPF-250 Coax Using Times Microwave Parts
PE3C6357-36



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com