Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3C6357-36 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3C6357-36
Description  Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C6357-36 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C6357-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C6357-36 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-
Pasternack does not make
4
How to Order
Part Number Configuration:
PE3C6357
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C6357-12 = 12 inches long cable
PE3C6357-100cm = 100 cm long cable
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using
Times Microwave Parts PE3C6357-36
URL: https://www.pasternack.com/7-16-din-male-n-male-spf250-cable-assembly-pe3c6357-36-p.aspx
PE3C6357-36 REV 1.2
RF Cable Assemblies Technical Data Sheet
Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch
Length Using SPF-250 Coax Using Times Microwave Parts
PE3C6357-36



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com