Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23LCV1024-I/P Datasheet(PDF) 5 Page - Microchip Technology

Part # 23LCV1024-I/P
Description  1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV1024-I/P Datasheet(HTML) 5 Page - Microchip Technology

  23LCV1024-I/P Datasheet HTML 1Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 2Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 3Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 4Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 5Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 6Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 7Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 8Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
 2012-2021 Microchip Technology Inc.
DS20005156B-page 5
23LCV1024
2.0
FUNCTIONAL DESCRIPTION
2.1
Principles of Operation
The 23LCV1024 is a 1-Mbit Serial SRAM designed to
interface directly with the Serial Peripheral Interface
(SPI) port of many of today’s popular microcontroller
families, including Microchip’s PIC® microcontrollers. It
may also interface with microcontrollers that do not
have a built-in SPI port by using discrete I/O lines
programmed properly in firmware to match the SPI
protocol. In addition, the 23LCV1024 is also capable of
operating in SDI (or dual SPI) mode.
The 23LCV1024 contains an 8-bit instruction register.
The device is accessed via the SI pin, with data being
clocked in on the rising edge of SCK. The CS pin must
be low for the entire operation.
Table 2-1 contains a list of the possible instruction
bytes and format for device operation. All instructions,
addresses and data are transferred MSb first, LSb last.
2.2
Modes of Operation
The 23LCV1024 has three modes of operation that are
selected by setting bits 7 and 6 in the MODE register.
The modes of operation are Byte, Page and Burst.
Byte Operation – is selected when bits 7 and 6 in the
MODE register are set to 00. In this mode, the
read/write operations are limited to only one byte. The
command followed by the 24-bit address is clocked into
the device and the data to/from the device are
transferred on the next eight clocks (see Figure 2-1 and
Figure 2-2).
Page Operation – is selected when bits 7 and 6 in the
MODE register are set to 10. The 23LCV1024 has
4096 pages of 32 bytes. In this mode, the read and write
operations are limited to within the addressed page (the
address is automatically incremented internally). If the
data being read or written reaches the page boundary,
then the internal address counter will increment to the
start of the page (see Figure 2-3 and Figure 2-4).
Sequential Operation – is selected when bits 7 and 6
in the MODE register are set to 01. Sequential opera-
tion allows the entire array to be written to and read
from. The internal address counter is automatically
incremented and page boundaries are ignored. When
the internal address counter reaches the end of the
array, the address counter will roll over to 0x00000
(see Figure 2-5 and Figure 2-6).
2.3
Read Sequence
The device is selected by pulling CS low. The 8-bit
READ instruction is transmitted to the 23LCV1024
followed by the 24-bit address, with the first seven
MSb’s of the address being a “don’t care” bit. After the
correct READ instruction and address are sent, the data
stored in the memory at the selected address is shifted
out on the SO pin.
If operating in Sequential mode, the data stored in the
memory at the next address can be read sequentially
by continuing to provide clock pulses. The internal
Address Pointer is automatically incremented to the
next higher address after each byte of data is shifted
out. When the highest address is reached (1FFFFh),
the address counter rolls over to address 00000h,
allowing the read cycle to be continued indefinitely.
The read operation is terminated by raising the CS
pin.
2.4
Write Sequence
Prior to any attempt to write data to the 23LCV1024, the
device must be selected by bringing CS low.
Once the device is selected, the Write command can
be started by issuing a WRITE instruction followed by
the 24-bit address, with the first seven MSb’s of the
address being a “don’t care” bit and then the data to be
written. A write is terminated by the CS being brought
high.
If operating in Page mode, after the initial data byte is
shifted in, additional bytes can be shifted into the
device.
The Address
Pointer
is
automatically
incremented. This operation can continue for the entire
page (32 bytes) before data will start to be overwritten.
If operating in Sequential mode, after the initial data
byte is shifted in, additional bytes can be clocked into
the device. The internal Address Pointer is automati-
cally incremented. When the Address Pointer reaches
the highest address (1FFFFh), the address counter
rolls over to (00000h). This allows the operation to
continue indefinitely, however, previous data will be
overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com