Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23LCV1024-I/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 23LCV1024-I/P
Description  1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV1024-I/P Datasheet(HTML) 1 Page - Microchip Technology

  23LCV1024-I/P Datasheet HTML 1Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 2Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 3Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 4Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 5Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 6Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 7Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 8Page - Microchip Technology 23LCV1024-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
 2012-2021 Microchip Technology Inc.
DS20005156B-page 1
23LCV1024
Features
• SPI-Compatible Bus Interface:
- 20 MHz clock rate
- SPI/SDI mode
• Low-Power CMOS Technology:
- Read Current: 3 mA at 5.5V, 20 MHz
- Standby Current: 4 µA at +85°C
• Unlimited Read and Write Cycles
• External Battery Backup Support
• Zero Write Time
• 128K x 8-bit Organization:
- 32-byte page
• Byte, Page and Sequential Mode for Reads and
Writes
• High Reliability
• Temperature Range Supported:
- Industrial: -40°C to +85°C
• Pb-Free and RoHS Compliant, Halogen Free
Packages
• 8-Lead PDIP
• 8-Lead SOIC
• 8-Lead TSSOP
Description
The Microchip Technology Inc. 23LCV1024 is a 1-Mbit
Serial SRAM device. The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input. Additionally, Serial Dual Interface
(SDI) is supported if the application needs faster data
rates.
This device also supports unlimited reads and writes to
the memory array and supports data backup via an
external battery/coin cell connected to VBAT (pin 7).
Package Types (not to scale)
Device Selection Table
Part Number
VCC Range
Dual I/O (SDI)
Battery Backup Maximum Clock Frequency
Packages
23LCV1024
2.5V-5.5V
Yes
Yes
20 MHz
P, SN, ST
Pin Function Table
Name
Function
CS
Chip Select Input
SO/SIO1
Serial Output/SDI Pin
VSS
Ground
SI/SIO0
Serial Input/SDI Pin
SCK
Serial Clock
VBAT
External Backup Supply Input
VCC
Power Supply
CS
SO/SIO1
NC
Vss
Vcc
VBAT
SCK
SI/SIO0
1
2
3
4
8
7
6
5
PDIP/SOIC/TSSOP
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface


Similar Part No. - 23LCV1024-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23LCV1024-IP MICROCHIP-23LCV1024-IP Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
23LCV1024-ISN MICROCHIP-23LCV1024-ISN Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
23LCV1024-IST MICROCHIP-23LCV1024-IST Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
More results

Similar Description - 23LCV1024-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23A512 MICROCHIP-23A512 Datasheet
728Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
2012
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV512 MICROCHIP-23LCV512 Datasheet
700Kb / 30P
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV1024T-E MICROCHIP-23LCV1024T-E Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23A512 MICROCHIP-23A512_13 Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A1024 MICROCHIP-23A1024_V01 Datasheet
663Kb / 33P
1-Mbit SPI Serial SRAM with SDI and SQI Interface
Revision D July 2022
23LCV512 MICROCHIP-23LCV512_V01 Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com