Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F2LP-W20M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # F2LP-W20M
Description  Inductive Ring Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F2LP-W20M Datasheet(HTML) 1 Page - Omron Electronics LLC

  F2LP-W20M Datasheet HTML 1Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 2Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 3Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 4Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 5Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 6Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 7Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Inductive Ring Sensor
F2LP-W
Ring Sensing Head for Detecting
Moving Minute Metallic Objects
Detects moving metallic objects of any shape
anywhere in the ring.
Sensor Heads with 10-mm to 100-mm diameters
available.
Incorporates a 40-ms OFF-delay timer.
Amplifier Unit with DIN-track mounting hooks
available.
Ordering Information
Sensor Heads
Sensor Head (non-shielded)
Min. object size
Model
10 dia.
0.3 dia. x 0.5 mm steel rod
F2LP-W10M
20 dia.
0.3 dia. x 1.0 mm steel rod
F2LP-W20M
50 dia.
2.0-dia. steel ball
F2LP-W50M
75 dia.
2.5-dia. steel ball
F2LP-W75M
100 dia.
3.0-dia. steel ball
F2LP-W100M
Amplifier Unit
Power supply
Output
Model
120/240 VAC, 50/60 Hz
Relay:
SPDT, 2 A, 250 VAC or 3 A, 30 VDC
DC Solid-state:
Photocoupler 100 mA max.
F2LP-WK4-US


Similar Part No. - F2LP-W20M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2L088-01 ETC2-F2L088-01 Datasheet
576Kb / 2P
Pro Series AT Serial Modem Cable/Adapter
More results

Similar Description - F2LP-W20M

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RC15-14-N0 PF-RC15-14-N0 Datasheet
232Kb / 2P
Inductive ring sensor
RC15-14-N3-Y115615 PF-RC15-14-N3-Y115615 Datasheet
177Kb / 2P
Inductive ring sensor
RJ15-14-N PF-RJ15-14-N Datasheet
204Kb / 2P
Inductive ring sensor
RJ15-N PF-RJ15-N Datasheet
229Kb / 2P
Inductive ring sensor
RJ21-E2 PF-RJ21-E2 Datasheet
173Kb / 1P
Inductive ring sensor
RC10-14-N0-Y95902 PF-RC10-14-N0-Y95902 Datasheet
170Kb / 2P
Inductive ring sensor
RC10-14-N0-Y180779 PF-RC10-14-N0-Y180779 Datasheet
198Kb / 2P
Inductive ring sensor
RC10-14-N3-Y110970 PF-RC10-14-N3-Y110970 Datasheet
171Kb / 2P
Inductive ring sensor
RC10-14-N3-Y187454 PF-RC10-14-N3-Y187454 Datasheet
173Kb / 2P
Inductive ring sensor
RC15-14-N0-Y95903 PF-RC15-14-N0-Y95903 Datasheet
170Kb / 2P
Inductive ring sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com