Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F2LP-W20M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # F2LP-W20M
Description  Inductive Ring Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F2LP-W20M Datasheet(HTML) 5 Page - Omron Electronics LLC

  F2LP-W20M Datasheet HTML 1Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 2Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 3Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 4Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 5Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 6Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 7Page - Omron Electronics LLC F2LP-W20M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
F2LP-W
F2LP-W
5
Timing Chart
Note:
1. Relay outputs are ON when ob-
jects are sensed (when objects
pass through the Sensor head)
2. Each relay output is ON for 40
ms minimum regardless of the
position of the timer mode se-
lector.
Sensing
Output mode
Timer mode
Transistor output
Relay output
OPERATION
indicator
POWER indicator
Object present
No object
NO
NC
OFF-delay
NORMAL
ON
OFF
ON
OFF
A: 40 ms (OFF-delay)
B: 40 ms (per detection)
When power is off
Lit
Not lit
Lit
Not lit
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
Sensor Heads
F2LP-W10M
4.1 dia., one-con-
ductor coaxial
cable (length: 3 m)
Two,
3.5-dia.
holes
10-dia. hole
F2LP-W20M
4.1 dia., one-
conductor coaxial
cable (length: 3 m)
Two, 4.5-dia. holes
20-dia. hole



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com