Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN5PF02V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN5PF02V
Description  P-channel 20V - 0.065??- 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN5PF02V Datasheet(HTML) 1 Page - STMicroelectronics

  STN5PF02V Datasheet HTML 1Page - STMicroelectronics STN5PF02V Datasheet HTML 2Page - STMicroelectronics STN5PF02V Datasheet HTML 3Page - STMicroelectronics STN5PF02V Datasheet HTML 4Page - STMicroelectronics STN5PF02V Datasheet HTML 5Page - STMicroelectronics STN5PF02V Datasheet HTML 6Page - STMicroelectronics STN5PF02V Datasheet HTML 7Page - STMicroelectronics STN5PF02V Datasheet HTML 8Page - STMicroelectronics STN5PF02V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2006
Rev 3
1/12
12
STN5PF02V
P-channel 20V - 0.065
Ω - 4.2A - SOT-223
2.5V - Drive STripFET™ II Power MOSFET
General features
■ Ultra low threshold gate drive (2.5V)
■ Standard outline for easy automated surface
mount assembly
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size™”
strip-based process. The resulting transistor
shows extremely extremely low on-resistance
when driven at 2.5V.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STN5PF02V
20V
<0.080
Ω
4.2A
1
2
2
3
SOT-223
www.st.com
Order codes
Part number
Marking
Package
Packaging
STN5PF02V
N5PF02V
SOT-223
Tape & reel


Similar Part No. - STN5PF02V

ManufacturerPart #DatasheetDescription
logo
Eravant
STN-SF415-04-D2 ERAVANT-STN-SF415-04-D2 Datasheet
386Kb / 2P
V-Band Network Analyzer Extender
Rev. 1.0
STN-SF610-00-D2 ERAVANT-STN-SF610-00-D2 Datasheet
403Kb / 2P
W-Band Network Analyzer Extender
Rev. 1.0
STN-SF612-03-D2 ERAVANT-STN-SF612-03-D2 Datasheet
299Kb / 3P
E-Band Scalar Network Analyzer Extender
Rev. 1.2
STN-SF908-00-D2 ERAVANT-STN-SF908-00-D2 Datasheet
402Kb / 2P
F-Band Network Analyzer Extender
Rev. 1.0
logo
STMicroelectronics
STN0214 STMICROELECTRONICS-STN0214 Datasheet
133Kb / 7P
Very high voltage NPN power transistor
02-Feb-2012
More results

Similar Description - STN5PF02V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STT5PF20V STMICROELECTRONICS-STT5PF20V Datasheet
231Kb / 8P
P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET
Oct-2003
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Mar-2004
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
logo
Unisonic Technologies
UT2305 UTC-UT2305 Datasheet
306Kb / 4P
4.2A, 20V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com