Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STN5PF02V Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN5PF02V
Description  P-channel 20V - 0.065??- 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN5PF02V Datasheet(HTML) 3 Page - STMicroelectronics

  STN5PF02V Datasheet HTML 1Page - STMicroelectronics STN5PF02V Datasheet HTML 2Page - STMicroelectronics STN5PF02V Datasheet HTML 3Page - STMicroelectronics STN5PF02V Datasheet HTML 4Page - STMicroelectronics STN5PF02V Datasheet HTML 5Page - STMicroelectronics STN5PF02V Datasheet HTML 6Page - STMicroelectronics STN5PF02V Datasheet HTML 7Page - STMicroelectronics STN5PF02V Datasheet HTML 8Page - STMicroelectronics STN5PF02V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STN5PF02V
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
20
V
VGS
Gate- source voltage
± 8
V
ID
Drain current (continuous) at TC = 25°C
4.2
A
ID
Drain current (continuous) at TC = 100°C
2.6
A
IDM
(1)
1.
Pulse width limited by safe operating area
Note:
For the p-channel Power MOSFET actual polarity of voltages and current has
to be reversed
Drain current (pulsed)
17
A
PTOT
Total dissipation at TC = 25°C
2.5
W
Tj
Tstg
Max. operating junction temperature
Storage temperature
–55 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Max value
Unit
Rthj-pcb (1)
1.
When mounted on FR-4 board of 1inch² pad, 2oz Cu and tc< 10sec
Thermal resistance junction-pc board
50
°C/W
Rthj-amb
Thermal resistance junction-ambient
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com