Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPT600/71DMNW Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # LPT600/71DMNW
Description  Outdoor 5G/4G Direct Mount Salt Shaker Monopole Antenna
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LPT600/71DMNW Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  LPT600/71DMNW Datasheet HTML 1Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 2Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 3Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 4Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 5Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 6Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outdoor
5G/4G Direct Mount Salt Shaker Monopole Antenna
LPT600/71DMN and LPT600/71DMNW – 617 to 7125 MHz
PulseElectronics.com
(21/24)
6
Charts – XZ Gain Plots
LPT600/71DMN (W)
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XZ plane @ 617-960MHz
617
800
960
Theta
Angle
-1.85
0.86
110
-1.31
2.31
64
-1.82
2.46
57
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
617
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
800
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
960
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XZ plane @ 1710-2700MHz
1710
2200
2700
Theta
Angle
-1.84
3.37
46
-2.13
3.93
37
-2.07
4.41
35
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
1710
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2200
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2700
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XZ plane @ 3300-4200MHz
3300
3800
4200
Theta
Angle
-2.40
3.45
38
-2.20
4.83
28
-3.54
4.09
23
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
3300
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
3800
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
4200
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XZ plane @ 4400-5000MHz
4400
4700
5000
Theta
Angle
-2.33
3.90
15
-3.31
2.68
23
-3.16
2.05
30
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
4400
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
4700
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
5000
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XZ plane @ 5150-5925MHz
5150
5500
5925
Theta
Angle
-3.16
2.76
29
-3.13
2.74
17
-1.92
3.17
25
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
5150
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
5500
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
5925
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
XZ plane @ 6000-7125MHz
6000
6500
7125
Theta
Angle
-1.43
4.34
26
-0.87
5.54
25
-1.69
5.75
22
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
6000
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
6500
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
7125



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com