Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPT600/71DMNW Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # LPT600/71DMNW
Description  Outdoor 5G/4G Direct Mount Salt Shaker Monopole Antenna
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

LPT600/71DMNW Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  LPT600/71DMNW Datasheet HTML 1Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 2Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 3Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 4Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 5Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 6Page - Pulse A Technitrol Company LPT600/71DMNW Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Outdoor
5G/4G Direct Mount Salt Shaker Monopole Antenna
LPT600/71DMN and LPT600/71DMNW – 617 to 7125 MHz
PulseElectronics.com
(21/24)
3
Test Setup
LPT600/71DMN (W)
Charts- VSWR
LPT600/71DMN (W)
LPT600/71DMN antenna sample measured on 12’’ (305mm) SQ ground plane.
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Frequency, MHz
VSWR vs Frequency
LPT600/71DMN Measured on 12" SQ GP
Measured at Pulse, USA - June 04, 2021
617-960
1710-2700
3300-4200
4400-5000
5150-5925
6000-7125



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com