Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAM65V05DF1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 1 Page - ON Semiconductor

  FAM65V05DF1_V01 Datasheet HTML 1Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2016
May, 2022 − Rev. 2
1
Publication Order Number:
FAM65V05DF1/D
Auto SPM) Series
Automotive 3-Phase IGBT
Smart Power Module
FAM65V05DF1
General Description
FAM65V05DF1 is an advanced Auto SPM module providing
a fully−featured high−performance auxiliary inverter output stage
for hybrid and electric vehicles. These modules integrate optimized
gate drive of the built−in IGBTs to minimize EMI and losses, while
also providing various protection features, in a compact 12 cm2
footprint.
Features
• Automotive SPM in 27 Pin DIP Package
• 650 V/50 A 3−phase IGBT Module with Low Loss IGBTs
and Soft Recovery Diodes Optimized for Motor Control
Applications
• Integrated Gate Drivers with Internal VS connection, Under
Voltage lockout, Over−current shutdown, Temperature Sensing
Unit and Fault reporting
• Electrically Isolated AlN Substrate with Low Rqjc
• Module Serialization for Full Traceability
• UL Certified No. E209204 (UL 1557)
• Pb−Free, Halid Free and RoHS Compliant
• AEC & AQG324 Qualified and PPAP Capable
Applications and Benefits
Automotive high voltage auxiliary motors such as air conditioning
compressor and oil pump.
• Compact Design
• Simplified PCB Layout and Low EMI
• Simplified Assembly
• High Reliability
Related Resources
• AN−8422 − 650 V Auto SPM Series; Automotive 3−Phase IGBT
Smart Power Module User’s Guide
MARKING DIAGRAM
ASPM27−CCA
CASE MODCB
3D Package Drawing
(Click to Activate 3D Content)
ON
= onsemi Logo
FAM65V05DF1
= Specific Device Code
XXX
= Lot Number
Y
= Year
WW
= Work Week
0000001
= Serial Number
See detailed ordering and shipping information on page 7
of this data sheet.
ORDERING INFORMATION


Similar Part No. - FAM65V05DF1_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAM65V05DF1 ONSEMI-FAM65V05DF1 Datasheet
699Kb / 19P
Automotive 3-Phase IGBT Smart Power Module
October 2016 Rev. 1.0
More results

Similar Description - FAM65V05DF1_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
Smart Power Module (SPM)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
SPM (Smart Power Module)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
SPM (Smart Power Module)
FSB50325 FAIRCHILD-FSB50325 Datasheet
345Kb / 8P
Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
Smart Power Module (SPM)
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
Smart Power Module (SPM)
logo
ON Semiconductor
FAM65V05DF1 ONSEMI-FAM65V05DF1 Datasheet
699Kb / 19P
Automotive 3-Phase IGBT Smart Power Module
October 2016 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com