Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAM65V05DF1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Auto SPM Series Automotive 3-Phase IGBT Smart Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 2 Page - ON Semiconductor

  FAM65V05DF1_V01 Datasheet HTML 1Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 2Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1_V01 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FAM65V05DF1
www.onsemi.com
2
PIN CONFIGURATION
Figure 1. Pin Configuration
TOP VIEW
PIN DESCRIPTION
Pin Number
Name
Description
1
VCC (L)
Low−side Common Bias Voltage for IC and IGBTs Driving
2
COM
Common Supply Ground
3
IN (UL)
Signal Input for Low−side U Phase
4
IN (VL)
Signal Input for Low−side V Phase
5
IN (WL)
Signal Input for Low−side W Phase
6
VFO
Fault Output
7
VTS
Output for LVIC temperature sense
8
CSC
Capacitor (Low−pass Filter) for Short−Current Detection Input
9
IN (UH)
Signal Input for High−side U Phase
10
VCC (H)
High−side Common Bias Voltage for IC and IGBTs Driving
11
VB (U)
High−side Bias Voltage for U Phase IGBT Driving
12
VS (U)
High−side Bias Voltage Ground for U Phase IGBT Driving
13
IN (VH)
Signal Input for High−side V Phase
14
VCC (H)
High−side Common Bias Voltage for IC and IGBTs Driving
15
VB (V)
High−side Bias Voltage for V Phase IGBT Driving
16
VS (V)
High−side Bias Voltage Ground for V Phase IGBT Driving
17
IN (WH)
Signal Input for High−side W Phase
18
VCC (H)
High−side Common Bias Voltage for IC and IGBTs Driving
19
VB (W)
High−side Bias Voltage for W Phase IGBT Driving
20
VS (W)
High−side Bias Voltage Ground for W Phase IGBT Driving
21
NU
Negative DC–Link Input for U Phase
22
NV
Negative DC–Link Input for V Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com