Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5534AVM40R2 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5534AVM40R2
Description  Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534AVM40R2 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5534AVM40R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Electrical Characteristics
MPC5534 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
23
3.12
AC Specifications
3.12.1
Pad AC Specifications
up to and including 75 MHz
0b010
0b010
0b01
0b0, 0b14 0b0, 0b14
0b00-
0b1x5
0b0, 0b16
up to and including 80 MHz
0b011
0b011
0b01
0b0, 0b14 0b0, 0b14
0b00-
0b1x5
0b0, 0b16
Value at Reset
0b111
0b111
0b11
0b0
0b0
0b00
0b0
1 Illegal combinations exist. Therefore, all entries must be taken from the same row in this table.
2 May be changed after Alalysis and Characterization.
3 This APC/RWSC/WWSC combination requires setting the Flash MCR register bit PRD=1.
4 For maximum flash performance, this should be set to 0b1.
5 For maximum flash performance, this should be set to 0b1x.
6 For maximum flash performance, this should be set to 0b1.
Table 17. Pad AC Specifications (VDDEH = 5.0V, VDDE = 1.8V)1
Num
Pad
SRC/DSC
Out Delay2, 3, 4
(ns)
Rise/Fall4, 5
(ns)
Load Drive
(pF)
1
Slow High Voltage (SH)
11
26
15
50
82
60
200
01
75
40
50
137
80
200
00
377
200
50
476
260
200
2
Medium High Voltage (MH)
11
16
8
50
43
30
200
01
34
15
50
61
35
200
00
192
100
50
239
125
200
3
Fast
00
3.1
2.7
10
01
2.5
20
10
2.4
30
11
2.3
50
4
Pull Up/Down (3.6V max)
—
—
7500
50
5
Pull Up/Down (5.5V max)
—
—
9000
50
Table 16. FLASH_BIU Settings vs. Frequency of Operation1 (continued)
Target2 Maximum
Frequency (MHz)
APC
RWSC
WWSC
DPFEN
IPFEN
PFLIM
BFEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com