Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5534AVM40R2 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5534AVM40R2
Description  Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534AVM40R2 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5534AVM40R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5534AVM40R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Electrical Characteristics
MPC5534 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
15
31
Fast I/O Weak Pull Up Current11
1.62V – 1.98V
2.25V – 2.75V
3.0V – 3.6V
IACT_F
10
20
20
110
130
170
µA
µA
µA
Fast I/O Weak Pull Down Current11
1.62V – 1.98V
2.25V – 2.75V
3.0V – 3.6V
10
20
20
100
130
170
µA
µA
µA
32
Slow/Medium I/O Weak Pull Up/Down Current12
3.0V – 3.6V
4.5V – 5.5V
IACT_S
10
20
150
170
µA
µA
33
I/O Input Leakage Current13
IINACT_D
– 2.5
2.5
µA
34
DC Injection Current (per pin)
IIC
– 2.0
2.0
mA
35
Analog Input Current, Channel Off14
IINACT_A
–150
150
nA
35a Analog Input Current, Shared Analog/Digital pins
(AN12, AN13, AN14, AN15)
IINACT_AD
– 2.5
2.5
µA
36
VSS Differential Voltage15
VSS – VSSA
– 100
100
mV
37
Analog Reference Low Voltage
VRL
VSSA –
0.1
VSSA +
0.1
V
38
VRL Differential Voltage
VRL – VSSA
–100
100
mV
39
Analog Reference High Voltage
VRH
VDDA –
0.1
VDDA +
0.1
V
40
VREF Differential Voltage
VRH – VRL
4.5
5.25
V
41
VSSSYN to VSS Differential Voltage
VSSSYN – VSS
–50
50
mV
42
VRCVSS to VSS Differential Voltage
VRCVSS – VSS
–50
50
mV
43
VDDF to VDD Differential Voltage2
VDDF – VDD
–100
100
mV
43a VRC33 to VDDSYN Differential Voltage
VRC33 – VDDSYN
–0.1
0.116
V
44
Analog Input Differential Signal Range (with common mode 2.5V)
VIDIFF
– 2.5
2.5
V
45
Operating Temperature Range — Ambient (Packaged)
TA
(TL to TH)
– 40.0
125.0
οC
46
Slew rate on power supply pins
—
—
50
V/ms
1 | VDDA0–VDDA1 | must be < 0.1V
2 VPP can drop to 3.0 volts during read operations.
3 During standby operation. If standby operation is not required, VSTBY can be connected to ground.
4 Applies to CLKOUT, external bus pins, and Nexus pins.
5 Maximum average RMS DC current.
6 Peak currents may be higher on specialized code.
Table 9. DC Electrical Specifications (continued)
Num
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com