Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP2525A-2EN/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP2525A-2EN/TR
Description  USB High-Side Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2525A-2EN/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SP2525A-2EN/TR Datasheet HTML 1Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 2Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 3Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 4Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 5Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 6Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 7Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 8Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Date: 5/3/06 Rev I
SP2525A USB High-Side Power Switch
© Copyright 2006 Sipex Corporation
TEST CIRCUIT
PIN DESCRIPTION
OUT
SP2525A
IN
10Ω
V
CC
OUT
IN
EN
FLG
GND
10K
0.1µF
+5V
NC
ON
OFF
®
r
e
b
m
u
N
n
i
Pe
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
1N
E
.
2
-
A
5
2
5
2
P
S
r
o
f
w
o
L
e
v
i
t
c
A
d
n
a
1
-
A
5
2
5
2
P
S
r
o
f
h
g
i
H
e
v
i
t
c
A
t
u
p
n
I
e
l
b
a
n
E
2G
L
F
n
a
c
t
I
.
h
c
t
i
w
s
r
e
w
o
p
r
o
f
t
u
p
t
u
o
g
a
l
f
t
l
u
a
f
d
e
n
i
a
r
d
-
n
e
p
o
d
n
a
w
o
l
-
e
v
i
t
c
a
n
A
n
a
c
o
s
l
a
t
i
,
n
o
i
t
a
r
e
p
o
e
d
o
m
l
a
m
r
o
n
n
I
.
e
v
i
t
c
a
s
i
L
T
C
f
i
t
i
m
il
t
n
e
r
r
u
c
e
t
a
c
i
d
n
i
.
e
g
a
t
l
o
v
r
e
d
n
u
r
o
n
w
o
d
t
u
h
s
l
a
m
r
e
h
t
e
t
a
c
i
d
n
i
3D
N
G.
d
n
u
o
r
g
r
e
w
o
p
p
i
h
C
4C
N.
d
e
t
c
e
n
n
o
c
y
ll
a
n
r
e
t
n
i
t
o
N
7
,
5N
I.
t
u
p
n
i
y
l
p
p
u
s
r
e
w
o
P
8
,
6T
U
O.
t
u
p
t
u
o
h
c
t
i
w
s
T
E
F
S
O
M
Current
Limit
CS
OUT
Charge
Pump
UVLO
Thermal
Shutdown
Driver
FLG
EN
IN
GND
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com