Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP2525A-2EN/TR Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP2525A-2EN/TR
Description  USB High-Side Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2525A-2EN/TR Datasheet(HTML) 5 Page - Sipex Corporation

  SP2525A-2EN/TR Datasheet HTML 1Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 2Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 3Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 4Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 5Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 6Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 7Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 8Page - Sipex Corporation SP2525A-2EN/TR Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Date: 5/3/06 Rev I
SP2525A USB High-Side Power Switch
© Copyright 2006 Sipex Corporation
OFF State Supply Current vs. Supply Voltage
0.00
0.02
0.04
0.06
0.08
0.10
34
5678
Supply Voltage (V)
ON-State Supply Current vs. Supply Voltage
50
60
70
80
90
100
2345
678
Supply Voltage (V)
On-state Supply Current vs. Supply Voltage
Output On-Resistance vs. Supply Voltage
Output On-Resistance vs. Temperature
UVLO Threshold Voltage vs. Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +5.0V,
T
AMB = +25
OC unless otherwise noted.
UVLO Threshold Voltage vs. Temperature
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-40
-20
0
20
40
60
80
100
120
Temperature (ºC)
Rising
Falling
ON-State Supply Current vs. Supply Voltage
50
60
70
80
90
100
2345
678
Supply Voltage (V)
Output On-Resistance vs. Supply Voltage
64
65
66
67
68
69
70
23
45
67
Supply Voltage (V)
On-Resistance vs. Temperature
50
60
70
80
90
-60
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Off-state Supply Current vs. Supply Voltage
On-state Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com